Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
58
7.33. Erase Security Registers (44H)
The GD25Q256D provides three 2048-Byte Security Registers which can be erased and programmed individually.
These registers may be used by the system manufacturers to store security and other important information separately from
the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command 
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command 3 or 4-
Byte address on SI  CS# goes high. The command sequence is shown below. CS# must be driven high after the eighth
bit of the last address Byte has been latched in; otherwise the Erase Security Registers command is not executed. As soon
as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the Erase
Security Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress (WIP)
bit. The Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security Registers
Lock Bit (LB3-1) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set to 1, the
Security Registers will be permanently locked; the Erase Security Registers command will be ignored.
Table 18. Security Registers
Address
A23-16
A15-12
A11
A10-0
Security Register #1
00H
0 0 0 1
0
Do not care
Security Register #2
00H
0 0 1 0
0
Do not care
Security Register #3
00H
0 0 1 1
0
Do not care
Figure 67. Erase Security Registers command Sequence Diagram (ADS=0)
Figure68.Erase Security Registers command Sequence Diagram (ADS=1)
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
37 38 39
MSB
2
1
0
32 Bits Address
31 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com