Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 84 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 84 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
84
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40℃ to +85℃)
Product Number
Density
Package Type
GD25Q256DFIG
256Mbit
SOP16 300mil
GD25Q256DFIS
GD25Q256DFIR
GD25Q256DYIG
256Mbit
WSON8 (8x6mm)
GD25Q256DYIS
GD25Q256DBIG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q256DBIS
GD25Q256DBIR
Temperature Range J: Industrial (-40℃ to +105℃)
Product Number
Density
Package Type
GD25Q256DFJG
256Mbit
SOP16 300mil
GD25Q256DFJS
GD25Q256DFJR
GD25Q256DYJG
256Mbit
WSON8 (8x6mm)
GD25Q256DYJS
GD25Q256DBJG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q256DBJS
GD25Q256DBJR
Temperature Range E: Industrial (-40℃ to +125℃)
Product Number
Density
Package Type
GD25Q256DFEG
256Mbit
SOP16 300mil
GD25Q256DFES
GD25Q256DFER
GD25Q256DYEG
256Mbit
WSON8 (8x6mm)
GD25Q256DYES
GD25Q256DBEG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q256DBES
GD25Q256DBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com