Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
26
7.8.
Read Data Bytes (READ 03H or 4READ 13H)
The Read Data Bytes (READ) command is followed by a 3-Byte address (A23-A0), and each bit being latched-in on
the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit being shifted out, at
a Max frequency fR, on the falling edge of SCLK. The first Byte addressed can be at any location. The address is
automatically incremented to the next higher address after each Byte of data is shifted out. The whole memory can, therefore,
be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase,
Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 12. Read Data Bytes Sequence Diagram (ADS=0)
Figure 13. Read Data Bytes Sequence Diagram (ADS=1)
Figure 14. Read Data with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39 40
MSB
3
2
1
0
42 43 44 45
41
31 30 29
7
6
5
4
3
2
1
0
46 47
32-bit address
MSB
Data Out1
Data Out2
Command
0
1
2
3
4
5
6
7
13H
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39 40
MSB
3
2
1
0
42 43 44 45
41
31 30 29
7
6
5
4
3
2
1
0
46 47
32-bit address
MSB
Data Out1
Data Out2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com