Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 88 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 88 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
88
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-9-18
1.1
Modify the note of EA0 in Table 12 from “Non-volatile writable” to
“Volatile writable”.
Modify SFDP: the content of 5BH Addr.
Modify general diagram and pin description
P15
P67
P5-6
2017-9-30
1.2
Modify SFDP: 6th code in 99H Addr. from 0b/1b to 1b
Add “R” to the 8th code of Ordering Information
P68
P77-78
2017-11-2
1.3
Add “J” to the 7th code of Ordering Information and related AC/DC
Parameters
P74, 77-78,
81-82
2017-11-15
1.4
Add 5AH command in Table 13
Modify the description of C8H command
Modify the description of C5H command
Update the Reset Timing Table
Modify the description of all packages
P18
P23
P24
P80
P83, 84
2017-12-18
1.5
Add DTR function related contents
Add “E”, “3” and “2” to the 7th code of the ordering information
Add “D” ,”S” and “B” to the 8th code of the ordering information
---
P80
P80, 81
2018-1-22
1.6
Delete DTR function related contents
Delete “F”, “3” and “2” of the 7th code of the ordering information
Delete “D” and “B” of the 8th code of the ordering information
Modify tVSL min value from 5ms to 2.5ms
Modify tw typ. value from 1ms to 5ms
---
---
---
P71
P75
2018-5-4
1.7
Modify Icc1 typ. value from 15uA to 12uA
Modify tpp typ.value from 0.6ms to 0.4ms
Modify tBE1 typ.value from 0.2s to 0.16s
Modify tBE2 typ.value from 0.3s to 0.22s
Modify tCE form 100~240s to 70~200s
Modify Figure 69. Program Security Registers command Sequence
Diagram (ADS=0)
Modify Figure 70. Program Security Registers command Sequence
Diagram (ADS=1)
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Update Valid Part Numbers
P73
P77
P77
P77
P77
P59
P59
P74/79
P75/80
P84
2018-9-25
1.8
Modify SFDP @99H addr.
P68
2019-2-19
1.9
Modify the description of DRV bits
P14
2019-4-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com