Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES252 Datasheet HTML 1Page - Cyrustek corporation ES252 Datasheet HTML 2Page - Cyrustek corporation ES252 Datasheet HTML 3Page - Cyrustek corporation ES252 Datasheet HTML 4Page - Cyrustek corporation ES252 Datasheet HTML 5Page - Cyrustek corporation ES252 Datasheet HTML 6Page - Cyrustek corporation ES252 Datasheet HTML 7Page - Cyrustek corporation ES252 Datasheet HTML 8Page - Cyrustek corporation ES252 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
V 1.5
3
2016/04/27
ES252
2000 Counts DMM
Pin Description
Pin No
Symbol
Type
Description
1
ADP
I
Measurement input in ADP mode.
2
TEMPin
I
Measurement input in Temperature mode.
3
CINT
O
High-resolution integrator output. Connect to integral capacitor. (Metalized
Polypropylene Film Capacitor type is recommended)
4
CAZ
O
High-resolution auto-zero capacitor connection.
5
RAZ
O
Buffer output pin in AZ and ZI phase.
6
VRH
O
Output of band-gap voltage reference. Typically –1.23V.
7
DACO
O
Output of band-gap voltage reference. Typically –400 m V.
8
VR_ADP
I
Reference input voltage connection. Typically –400 mV.
9
VR_CLAMP
I
Reference input voltage connection. Typically –400mV.
10
OHMC3
O
Filter capacitor connection for resistance mode.
11
OHMC2
O
Filter capacitor connection for resistance mode.
12
OHMC1
O
Filter capacitor connection for resistance mode.
13
OR1
O
Reference resistor connection for 20.00/200.0
Ω range
14
VR5
O
Voltage measurement ÷10000 attenuator(1000V)
15
VR4
O
Voltage measurement ÷1000 attenuator(200.0V)
16
VR3
O
Voltage measurement ÷100 attenuator(20.00V)
17
VR2
O
Voltage measurement ÷10 attenuator(2.000V)
18
OVSG
O
Sense low voltage for resistance/voltage measurement
19
VR1
I
Measurement Input. Connect to an accurate
10MΩ resistor.
20
mVin
I
Measurement input in 200.0mV mode.
21
ACVL
I
Rectified signal low input in ACV/ACA mode. Connect to negative output of
external AC to DC converter.
22
ACVH
I
Rectified signal high input in ACV/ACA mode. Connect to positive output of
external AC to DC converter.
23
ADI
I
Negative input of internal AC to DC OP Amp.
24
ADO
O
Output of internal AC to DC OP Amp.
25
TEST5
O
Buffer output of OVSG.
26
SGND
I
Signal Ground input.
27
OVX
I
Sense input for resistance / capacitance measurement.
28
OVH
O
Output connection for resistance measurement.
29
CAN
I / O
Negative auto-zero capacitor connection for capacitor measurement.
30
CAP
I / O
Positive auto-zero capacitor connection for capacitor measurement.
31
R10K
O
Connect to a precised 10
KΩ resister for capacitor measurement.
32
R1K
O
Connect to a precised
1KΩ resister for capacitor measurement.
33
CESEL
I
Voltage OL selection feature control pin. (1010V/610V)
34
ALARM
O
HV signal detection in Voltage mode and EF mode indication output.
35
BKOUT
O
If BKLIT function is enabled, this pin will change from V- to V+. Once press
BKLIT pin again within 300 sec, this pin will change back to V-.
36
DIS_200M
I
Pulled to V- to disable the 200M ohm range at R measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com