Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 35 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 35 Page - Cyrustek corporation

Back Button ES252 Datasheet HTML 28Page - Cyrustek corporation ES252 Datasheet HTML 29Page - Cyrustek corporation ES252 Datasheet HTML 30Page - Cyrustek corporation ES252 Datasheet HTML 31Page - Cyrustek corporation ES252 Datasheet HTML 32Page - Cyrustek corporation ES252 Datasheet HTML 33Page - Cyrustek corporation ES252 Datasheet HTML 34Page - Cyrustek corporation ES252 Datasheet HTML 35Page - Cyrustek corporation ES252 Datasheet HTML 36Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
V 1.5
35
2016/04/27
ES252
2000 Counts DMM
Application Circuit
1. AVG Circuit
FREQ
37
DIS_RS232
38
CLAMP
39
ASEL
43
TSYMB
44
TSEL
45
DIOV
46
BP4
47
BKOUT
35
ALARM
34
CESEL
33
BP3
48
BP2
49
SGND
26
OVX
27
CA-
29
CA+
30
R10K
31
R1K
32
DIS_200M
36
OSC2
76
OSC1
77
IVS
100
SLEEP
78
RSOUT
79
BZOUT
80
FC5
81
FC4
82
FC3
83
FC2
84
FC1
85
SLACDC
86
C+
87
C-
88
SCL
89
SDA
90
LBAT
91
V-
92
V-
93
COFFN
94
COFFP
95
V+
96
DGND
97
AGND
98
AGND
99
OVH
28
DISDGB
40
BKLIT
41
APOSEL
42
BP1
50
SCL
SDA
BZOUT
LBAT
SLEEP
RSOUT
FC5
FC2
FC3
FC4
FC1
SLACDC
C5
470nF
C4
470nF
CLAMP
OVX
OVH
C6
470nF
CESEL
BKOUT
DIOV
ALARM
BP4
BP3
BP2
BP1
TSEL
TSYMB
ASEL
APOSEL
BKLIT
DISDGB
2N2222
2N2222
2N2222
2N2222
2N2222
2N2222
FREQ
+/-10%
2N2222
2N2222
2N3904
+
For Temperature
2N2222
DIS_RS232
DIS_200M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com