Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES252 Datasheet HTML 6Page - Cyrustek corporation ES252 Datasheet HTML 7Page - Cyrustek corporation ES252 Datasheet HTML 8Page - Cyrustek corporation ES252 Datasheet HTML 9Page - Cyrustek corporation ES252 Datasheet HTML 10Page - Cyrustek corporation ES252 Datasheet HTML 11Page - Cyrustek corporation ES252 Datasheet HTML 12Page - Cyrustek corporation ES252 Datasheet HTML 13Page - Cyrustek corporation ES252 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
V 1.5
10
2016/04/27
ES252
2000 Counts DMM
1.3.
Current Measurement For Multi-meter
ES252 has 3 automatic current measurement modes for multi-meter. The following table
summarizes the full-scale range of each mode. When ES252 operates in the current measurement
modes for multi-meter, it takes high input from pin IVS, low input from pin SGND and reference
voltage from calibration scheme.
Mode
FC1~4
Full Scale
Input Terminal
CAL
Automatic1
1,1,0,1
200.0µA / 2000µA
IVS V.S. SGND
AC 200uA
3
Automatic2
1,1,1,1
20.00mA / 200.0mA
IVS V.S. SGND
AC 20mA
3
Automatic3
0,0,0,0
2.000A /20.00A
2
IVS V.S. SGND
Yes
Note:
1. Connect Clamp (pion39) to V- will disable the “µ2” / ”m2” symbol on LCD panel.
2. Connect ASEL (pin43) to V- will set maximum readings of input for Automatic3 mode to 10.00A.
3. DCuA/DCmA use the same configuration as DCV mode. AC higher range use the same configuration as ACV mode.
1.4.
Current Measurement For Clamp-meter
ES252 has 2 automatic and 4 manual current measurement modes for Clampmeter. The following
table summarizes the Full-Scale range of each mode. When ES252 operate in the automatic modes
and the manual mode1~4, it takes high input from IVS pin, low input from SGND and reference
voltage from VR_CLAMP.
Mode
FC1~4
1CLAMP
Range
Max full scale
Input Terminal
CAL
Automatic1
1,1,0,1
0
200.0A / 2000A
2
20/200 mV
IVS V.S. SGND
Yes
4
Automatic2
1,1,1,1
0
20.00A / 999.9A
20/1000 mV
IVS V.S. SGND
Yes
4
Manual1
1,1,0,0
X
2.000A
600 mV
IVS V.S. SGND
Yes
Manual2
1,0,0,0
X
20.00A
600 mV
IVS V.S. SGND
Yes
Manual3
1,0,1,0
X
200.0A
600 mV
IVS V.S. SGND
Yes
Manual4
1,0,0,1
X
1000A or 2000A
2
100 or 200 mV
IVS V.S. SGND
Yes
Note:
1. Connect CLAMP to V- will disable the “µ2” / ”m2” symbol on LCD panel.
2. Connect ASEL to V- will set maximum of input for Automatic1 & Manual4 modes to 1000A.
3. In DC current modes for clamp-meter, ES252 provides Zero Function (pin70) for offset removing.
4. AC Lower range calibration use the same configuration as Manual3 ACA mode. AC Higher range calibration use the
same configuration as Manual4 ACA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com