Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES252 Datasheet HTML 17Page - Cyrustek corporation ES252 Datasheet HTML 18Page - Cyrustek corporation ES252 Datasheet HTML 19Page - Cyrustek corporation ES252 Datasheet HTML 20Page - Cyrustek corporation ES252 Datasheet HTML 21Page - Cyrustek corporation ES252 Datasheet HTML 22Page - Cyrustek corporation ES252 Datasheet HTML 23Page - Cyrustek corporation ES252 Datasheet HTML 24Page - Cyrustek corporation ES252 Datasheet HTML 25Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
V 1.5
21
2016/04/27
ES252
2000 Counts DMM
3.1.
Range
Push RANGE
1 key to switch from automatic to manual mode, and while in manual mode, changes
the full-scale range. The following figure shows the state transition.
Automatic
Mode
Manual
Mode
1 push < 1 sec
1 push > 1 sec
1 push < 1 sec
Range up
Measurement Mode
Auto
Manual
Control Range
Initial Range
V
VR2 – VR5
VRi
→ VRi + 1,
VR5
→ VR2
2.000V – 1000V
2.000V
2
Auto µA
R1 – R2
R1
→ R2,
R2
→ R1
200.0µA – 2000µA
200.0µA
Auto mA
R1-R2
R1
→ R2
R2
→ R1
20.00mA – 200.0mA
20.00mA
Auto A
R1-R2
R1
→ R2
R2
→ R1
2.000A – 20.00A
2.000A
Auto 20A/1000A
(clamp)
R1-R2
R1
→ R2
R2
→ R1
20.00A – 999.9A
20.00A
Auto 200A/2000A
(clamp)
R1-R2
R1
→ R2
R2
→ R1
200.0A – 2000A
200.0A
Capacitance
C1 – C8
Ci
→ Ci + 1,
C8
→ C1
2.000nF– 20.00mF
2.000nF
Capacitance (Clamp)
C1 – C8
Ci
→ Ci + 1,
C8
→ C1
2.000nF– 20.00mF
2.000nF
Ω
OR0 – OR7
ORi
→ ORi + 1,
OR7
→ OR0
20.00
Ω – 200.0MΩ
20.00
Ω
Temp
T1-T2
T1T2
T2T1
200.0
oC~1350oC
200.0
oC
Frequency
FR1 – FR6
FRi
→ FRi + 1
FR6
→ FR1
200.0Hz – 20.00MHz
200.0Hz
Note:
1. Pushing RANGE resets all existing special modes except for VAHZ mode.
2. Initial range of voltage mode depends on Clamp pin configuration. Pulled to V- to set to 200.0V as initial range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com