Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES252 Datasheet HTML 1Page - Cyrustek corporation ES252 Datasheet HTML 2Page - Cyrustek corporation ES252 Datasheet HTML 3Page - Cyrustek corporation ES252 Datasheet HTML 4Page - Cyrustek corporation ES252 Datasheet HTML 5Page - Cyrustek corporation ES252 Datasheet HTML 6Page - Cyrustek corporation ES252 Datasheet HTML 7Page - Cyrustek corporation ES252 Datasheet HTML 8Page - Cyrustek corporation ES252 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
V 1.5
1
2016/04/27
ES252
2000 Counts DMM
Features
2,000 counts LCD display
LQFP 100L package
3V DC power supply
ADC Conversion rate : 3 times/s
Full automatic measurement
* Voltage measurement : 200.0mV, 2.000V – 1000V
* Current measurement :
μA/mA/A
* Resistance measurement :
20.00
Ω – 200.0MΩ
* Capacitance measurement :
2.000nF – 20.00mF
( Taiwan patent no.: 323347, 453443 )
* Not contact AC electric field detection
* Frequency counter : 200.0Hz – 20.00MHz
AC/DC voltage scan mode (support LoZ)
Diode measurement & continuity check
Hazardous AC/DC voltage (HV) indication
(Taiwan patent no.: 517823)
4 ADP modes with external reference voltage and
independent “ADP” user-defined segment on LCD
Temperature mode with internal scale translation
circuit from
0C to 0F
K-type thermocouple reference table compensation
(-200 ~ 1350
oC range)
Push function :
* AC VAHz function
* ACV 3-Phase rotation indication
* MAX/MIN/REL function
* Zero function: DCA clampmeter only
* Back Light function
* KEY function
* Data Hold & RS232 output function
* Range change function
Band-gap reference voltage output
Semi-auto calibration operation
(Taiwan patent no.: 367334)
Voltage overflow selection ( DC / AC : 1010V, DC /
AC : 610V)
LCD segment check when power on
Auto power off ( 30min / 15min )
Sleep state indicative signal output
Re-power on
On-chip buzzer driver
Low battery detection
Description
ES252 is an integrated analog-to-digital converter
with 2,000-count LCD, automatic range selection,
and 3V DC power supply. Automatic range
selection is provided for ACV/DCV measurement,
resistance measurement, current measurement,
capacitance measurement, and frequency counter.
Expensive and bulky mechanical range switches
are not required. Other features include relative
value display, offset removing feature for DCA
clamp
mode,
data
holding,
maximum
and
minimum value holding, 3-phase AC voltage
phase-rotation
detection,
diode
measurement,
temperature measurement, continuity checking,
low battery detection, auto power off, re-power on,
backlight driver, buzzer driver and RS232 data
output.


Similar Part No. - ES252

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
ES25 SENSATA-ES25 Datasheet
157Kb / 4P
Environmentally Sealed Incremental Encoder
logo
ABB
ES25 ABB-ES25 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Cyrustek corporation
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
2000 Counts DMM
logo
List of Unclassifed Man...
ES2510A ETC-ES2510A Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Power-One
ES2540-7R POWER-ONE-ES2540-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - ES252

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
3000 Counts Smart DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
22,000 Counts Auto DMM
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
2000 Counts Manual DMM
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
4000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
6000 Counts DMM
logo
HYCON Technology Corpor...
HY12P62 HYCON-HY12P62 Datasheet
781Kb / 26P
2000 Counts DMM Specialized IC
logo
Cyrustek corporation
ES219 CYRUSTEK-ES219 Datasheet
636Kb / 24P
2000 Counts DMM Easy
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com