Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES252 Datasheet HTML 9Page - Cyrustek corporation ES252 Datasheet HTML 10Page - Cyrustek corporation ES252 Datasheet HTML 11Page - Cyrustek corporation ES252 Datasheet HTML 12Page - Cyrustek corporation ES252 Datasheet HTML 13Page - Cyrustek corporation ES252 Datasheet HTML 14Page - Cyrustek corporation ES252 Datasheet HTML 15Page - Cyrustek corporation ES252 Datasheet HTML 16Page - Cyrustek corporation ES252 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
V 1.5
13
2016/04/27
ES252
2000 Counts DMM
1.9.
Frequency Counter
The time base of the frequency counter is derived from an external crystal oscillator by
Tcounter =
4,000,000
Fosc
Where Fosc is the frequency of the crystal oscillator. Thus, the counter has a 1-second time base
when a 4MHz oscillator is used. The frequency counter can select the proper range automatically or
manually. Auto-range operation extends over six decades, from 200.0Hz to 20.00MHz. The following
table summarizes the Full-Scale range of the frequency counter.
Range
Full Scale
FR1
200.0Hz
FR2
2.000KHz
FR3
20.00KHz
FR4
200.0KHz
FR5
2.000MHz
FR6
20.00MHz
*If input frequency is less than 1.0Hz, ES252 will show 0.0Hz
1.10. Electrical field detection mode
ES252 supports a non-contact AC voltage measurement, which is called electric field measurement
also. The ADC input is configured from ADP pin vs. SGND. When no or less electric field is detected,
the LCD display shows “EF”. If the electric field is detected, the strength will be showed on the LCD
display by “-“ not digits type. Level 1(equivalent to 12.5% full scale of ADC) is “-“ and the level
4(equivalent to 100% full scale of ADC) is “----“. Additional beeper (BUZOUT pin) and LED alarm
(ALARM pin) will be active from ES252. The frequency of buzzer and LED alarm depends on the
strength of electric field also. The faster beeper means the stronger electric field (AC voltage) is
sensed.
Mode
FC1~4
SLACDC
Input Terminal
EF
1,1,1,0
1
ADP V.S. SGND
ADP
100M
EF test circuit
EFin+
SGND
AGND
EFin-
100k
VRADP
-400mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com