Electronic Components Datasheet Search
  English  ▼

X  

ES252 Datasheet(PDF) 2 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES252 Datasheet HTML 1Page - Cyrustek corporation ES252 Datasheet HTML 2Page - Cyrustek corporation ES252 Datasheet HTML 3Page - Cyrustek corporation ES252 Datasheet HTML 4Page - Cyrustek corporation ES252 Datasheet HTML 5Page - Cyrustek corporation ES252 Datasheet HTML 6Page - Cyrustek corporation ES252 Datasheet HTML 7Page - Cyrustek corporation ES252 Datasheet HTML 8Page - Cyrustek corporation ES252 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
V 1.5
2
2016/04/27
ES252
2000 Counts DMM
Application
Digital multimeter
Clamp meter
Pin Assignment
 100L LQFP package
VR2
17
ADP
1
TEMPin
2
CINT
3
CAZ
4
RAZ
5
VRH
6
DACO
7
VR_ADP
8
VR_CLAMP
9
OHMC3
10
OHMC2
11
OHMC1
12
OR1
13
VR5
14
VR4
15
VR3
16
OVSG
18
VR1
19
mVin
20
ACVL
21
ACVH
22
ADI
23
ADO
24
TEST5
25
SEG14
55
SEG13
56
SEG12
57
SEG11
58
SEG10
59
SEG09
60
SEG08
61
SEG07
62
SEG06
63
SEG15
54
SEG17
52
SEG16
53
SEG05
64
SEG04
65
SEG03
66
SEG02
67
SEG01
68
MAXMIN
69
REL
70
HZ
71
KEY
72
HOLD
73
RANGE
74
CALEN
75
SEG18
51
ES252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com