Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 46 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 46 Page - California Eastern Labs

Back Button THCV235 Datasheet HTML 42Page - California Eastern Labs THCV235 Datasheet HTML 43Page - California Eastern Labs THCV235 Datasheet HTML 44Page - California Eastern Labs THCV235 Datasheet HTML 45Page - California Eastern Labs THCV235 Datasheet HTML 46Page - California Eastern Labs THCV235 Datasheet HTML 47Page - California Eastern Labs THCV235 Datasheet HTML 48Page - California Eastern Labs THCV235 Datasheet HTML 49Page - California Eastern Labs THCV235 Datasheet HTML 50Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
46/68
Security E
Table 43. THCV235 Main-Link Control Register Map
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link
Master
Sub-Link
Slave
0x50
0xD0
7
RW
0
MAINMODE
MAINMODE setting
0: V-by-One® HS Mode
1: Sync Free Mode
-
6
RW
0
HFSEL
HFSEL setting
0: High Frequency Mode Disable
1: High Frequency Mode Enable
-
5
RW
0
COL1
COL1 setting
when MAINMODE =0
0: Color Space Converter Disable
1: Color Space Converter Enable
when MAINMODE =1
Data Width Setting. See Table 20.
-
4
RW
0
COL0
COL0 setting
Data Width Setting. See Table 20.
-
3
RW
0
PRE
PRE setting
0: Pre-Emphasis Disable
1: Pre-Emphasis Enable
(*1)
2:1
RW
0x2
CMLDRV
CMLDRV setting
00: 400mV diff p-p
01: 600mV diff p-p
10: 800mV diff p-p
11: Reserved (Forbidden)
0
RW
0
Reserved
-
0x51
0xD1
7:6
R
0x0
Reserved
-
5
RW
0
SSEN
SSEN setting
0: SSCG Disable
1: SSCG Enable
(*2)
4:0
RW
0x05
SPREAD
SSCG modulation depth setting
Spread depth = ±SPREAD x 0.1% (Center Spread)
0x52
0xD2
7:4
R
0x0
Reserved
-
3:0
RW
0xD
FMOD
SSCG Modulation Frequency setting
-
0x53
0xD3
7:2
R
0x00
Reserved
-
1
RW
0
BET
Field BET Mode Enable setting
0: Normal Mode
1: Field BET Operation
-
0
RW
0
BET_SEL
Main-Link / Sub-Link Field BET Mode select
0: Main-Link Field BET Mode
1: Sub-Link Field BET Mode
-
0x54
0xD4
7
R
0
Reserved
-
6:0
RW
0x3E
Reserved. Must be default setting.
-
0x55
-0x6C
0xD5
-0xEC
7:0
RW
0x00
Reserved
-
0x6D
0xED
7:3
R
0x00
Reserved
-
2:0
RW
0x1
Reserved
-
0x6E
0xEE
7:1
R
0x00
Reserved
-
0
RW
1
Reserved. Must be 1
-
0x6F
0xEF
7:0
R
0x00
Reserved
-
0x70
0xF0
7:2
R
0x00
Reserved
-
1
RW
0
Reserved. Must be 0
-
0
RW
0
PLL_SET_EN
SSCG PLL setting register Enable
1: Enable
0: Disable
-
0x71
-0x75
0xF1
-0xF5
7:0
R
0x00
Reserved
-
0x76
0xF6
7:6
R
0x0
Reserved
-
5:0
RW
0xXX
PLL_SET0
SSCG PLL setting
(*3)
0x77
0xF7
7:4
R
0x0
Reserved
-
3:0
RW
0x0
Reserved. Must be default setting.
-
0x78
0xF8
7:0
RW
0xXX
PLL_SET1
SSCG PLL setting
(*3)
0x79
-0x7B
0xF9
-0xFB
7:0
RW
0x00
Reserved. Must be default setting.
-
0x7C
0xFC
7:6
R
0x0
Reserved.
-
5:0
RW
0xXX
PLL_SET2
SSCG PLL setting
(*3)
0x7D
-0x7F
0xFD
-0xFF
7:0
RW
0xXX
Reserved. Must be default setting.
-
*1
See Table 4 and Table 5
*2
SSEN=1 and SPREAD=0 setting is forbidden
*3
See Table 11, Table 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com