Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 1 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 1 Page - California Eastern Labs

  THCV235 Datasheet HTML 1Page - California Eastern Labs THCV235 Datasheet HTML 2Page - California Eastern Labs THCV235 Datasheet HTML 3Page - California Eastern Labs THCV235 Datasheet HTML 4Page - California Eastern Labs THCV235 Datasheet HTML 5Page - California Eastern Labs THCV235 Datasheet HTML 6Page - California Eastern Labs THCV235 Datasheet HTML 7Page - California Eastern Labs THCV235 Datasheet HTML 8Page - California Eastern Labs THCV235 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
1/68
Security E
THCV235 and THCV236
SerDes transmitter and receiver with bi-directional transceiver
General Description
The THCV235 and THCV236 are designed to
support video data transmission between the host and
display.
One high-speed lane can carry up to 32bit data and
3bits of synchronizing signals at a pixel clock
frequency from 6MHz to 160MHz by converting
RGB444 to YCbCr422.
The chipset, which has one high-speed data lane,
can transmit video data up to 1080p/60Hz.
The maximum serial data rate is 4.00Gbps/lane.
Features
Color depth selectable:24/32bit
RGB
YCbCr422 color space conversion
function
Wide frequency range
AC coupling for high-speed lanes
CDR requires no external frequency reference
Wide range supply voltage from 1.7V to 3.6V
Additional spread spectrum on data stream
2-wire serial interface bridge function(400kbps)
Remote side GPIO control and monitoring
Low speed data bridge function
QFN64(9mm x 9mm) with exposed pad ground
V-by-One® HS standard version1.4 compliant
EU RoHS compliant
Block Diagram
THCV236
Controls
D31-D0
HSYNC
VSYNC
DE
CLKOUT
Settings
2-wire I/F
SDA/SCL
RXP
RXN
RCMP
RCMN
THCV235
Controls
D31-D0
HSYNC
VSYNC
DE
CLKIN
Settings
2-wire I/F
SDA/SCL
TXP
TXN
OSC
TCMP
TCMN
LDO
OSC
LDO
CAPOUT
CAPINA
CAPINP
CAPOUT
CAPINA


Similar Part No. - THCV235

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
THCV235-Q CEL-THCV235-Q Datasheet
1Mb / 68P
SerDes transmitter and receiver with bi-directional transceiver
More results

Similar Description - THCV235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
LVDS SerDes transmitter and receiver
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
THine Electronics, Inc.
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
THCV231-Q THINE-THCV231-Q Datasheet
1Mb / 58P
SerDes transmitter and receiver with bi-directional transceiver
logo
California Eastern Labs
THCV235-Q CEL-THCV235-Q Datasheet
1Mb / 68P
SerDes transmitter and receiver with bi-directional transceiver
THCV241-Q CEL-THCV241-Q Datasheet
194Kb / 2P
SerDes transmitter with bi-directional transceiver
THEVA215-4LANE CEL-THEVA215-4LANE Datasheet
1Mb / 16P
SerDes transmitter and receiver evaluation board
THEVA215-8LANE CEL-THEVA215-8LANE Datasheet
769Kb / 15P
SerDes transmitter and receiver evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com