Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 9 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button THCV235 Datasheet HTML 5Page - California Eastern Labs THCV235 Datasheet HTML 6Page - California Eastern Labs THCV235 Datasheet HTML 7Page - California Eastern Labs THCV235 Datasheet HTML 8Page - California Eastern Labs THCV235 Datasheet HTML 9Page - California Eastern Labs THCV235 Datasheet HTML 10Page - California Eastern Labs THCV235 Datasheet HTML 11Page - California Eastern Labs THCV235 Datasheet HTML 12Page - California Eastern Labs THCV235 Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
9/68
Security E
Pin Description for THCV236
Pin Name
Pin No.
Type
Description
RXP
58
CI
High-Speed CML Signal Input(Main-Link)
RXN
57
CI
High-Speed CML Signal Input(Main-Link)
HFSEL/RCMP
61
CB/I
HFSEL : High Frequency Mode select when PDN1=0.
0 : High Frequency Mode Disable
1 : High Frequency Mode Enable
RCMP : CML Signal Bi-directional Input/Output(Sub-Link) when
PDN1=1.
MAINMODE/
RCMN
60
CB/I
MAINMODE : Setting V-by-One® HS Mode or Sync Free Mode
when PDN1=0
0 : V-by-One® HS Mode
1 : Sync Free Mode
RCMN : CML Signal Bi-directional Input/Output(Sub-Link)
when PDN1=1.
HTPDN/
SUBMODE
54
BO
HTPDN : Hot Plug Detect Output when PDN1=0. Must be
connected to Tx HTPDN with 10kΩ pull-up resistor.
SUBMODE : Sub-Link Mode Select when PDN1=1.
0 : 2-wire serial I/F Mode (default No Clock Stretching mode)
1 : Low Speed Data Bridge Mode
Forbid the different setting between THCV235 and THCV236.
LOCKN/
MSSEL
55
BO
LOCKN : Lock Detect Output when PDN1=0. Must be connected
to Tx LOCKN with 10kΩ pull-up resistor.
MSSEL : Sub-Link Master/Slave Select when PDN1=1.
0 : Sub-Link Master side(inside 2-wire serial I/F is slave)
1 : Sub-Link Slave side(inside 2-wire serial I/F is master)
Sub-Link Master is connected to HOST MPU.
Forbid the same setting between THCV235 and THCV236.
LATEN/SD3/
AIN1/GPIO0
11
B
LATEN : Latch select input under Field BET(Main-Link or
Sub-Link).
0 : NOT Latched result
1 : Latched result
SD3 : Sub-Link Data Input/Output when PDN1=1 and
SUBMODE=1.
When Sub-Link is Master (MSSEL=0), SD3 is output.
When Sub-Link is Slave (MSSEL=1), SD3 is input.
AIN1 : Device ID setting for 2-wire serial I/F when
SUBMODE=0 and MSSEL=0. See Table 26.
GPIO0 : General Purpose Input/Output when SUBMODE=0 and
MSSEL=1.
When GPIO0 is used as Open-Drain Output, it must be connected
with a pull-up resistor to VDD.
When GPIO0 is used as push pull output or input, no external
component is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com