Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 47 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 47 Page - California Eastern Labs

Back Button THCV235 Datasheet HTML 43Page - California Eastern Labs THCV235 Datasheet HTML 44Page - California Eastern Labs THCV235 Datasheet HTML 45Page - California Eastern Labs THCV235 Datasheet HTML 46Page - California Eastern Labs THCV235 Datasheet HTML 47Page - California Eastern Labs THCV235 Datasheet HTML 48Page - California Eastern Labs THCV235 Datasheet HTML 49Page - California Eastern Labs THCV235 Datasheet HTML 50Page - California Eastern Labs THCV235 Datasheet HTML 51Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
47/68
Security E
Table 44. THCV236 GPIO Control Register Map
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link
Master
Sub-Link
Slave
0x40
0xC0
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_TYPE
GPIO4 type select
0: Programmable GPIO
1: Through GPIO
-
3
RW
1
GPIO3_TYPE
GPIO3 type select
0: Programmable GPIO
1: Through GPIO
-
2
R
0
GPIO2_TYPE
GPIO2 type select
0: Programmable GPIO
0 Fix
-
1
R
0
GPIO1_TYPE
GPIO1 type select
0: Programmable GPIO
0 Fix
-
0
R
0
GPIO0_TYPE
GPIO0 type select
0: Programmable GPIO
0 Fix
-
0x41
0xC1
7:5
R
0x0
Reserved
-
4
R
0
GPIO4_INPUT_MONITOR
GPIO4 input value
(*1)
3
R
0
GPIO3_INPUT_MONITOR
GPIO3 input value
2
R
0
GPIO0_INPUT_MONITOR(*2)
GPIO0 input value
1
R
0
GPIO1_INPUT_MONITOR
GPIO1 input value
0
R
0
GPIO2_INPUT_MONITOR(*2)
GPIO2 input value
0x42
0xC2
7:5
R
0x0
Reserved
-
4
RW
0
GPIO4_OUT
GPIO4 output value setting
(*3)
3
RW
0
GPIO3_OUT
GPIO3 output value setting
2
RW
0
GPIO2_OUT
GPIO2 output value setting
1
RW
0
GPIO1_OUT
GPIO1 output value setting
0
RW
0
GPIO0_OUT
GPIO0 output value setting
0x43
0xC3
7:5
R
0x0
Reserved
-
4
RW
(*4)
GPIO_IO_SEL
GPIO input/output direction setting
See Table 36, Table 37, and Table 38
-
3
RW
(*4)
2:0
RW
0x7
0x44
0xC4
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_FILT_ENABLE
GPIO4 input filter enable
0: Disable
1: Enable
(*5)
3
RW
1
GPIO3_FILT_ENABLE
GPIO3 input filter enable
0: Disable
1: Enable
2
RW
1
GPIO0_FILT_ENABLE(*6)
GPIO0 input filter enable
0: Disable
1: Enable
1
RW
1
GPIO1_FILT_ENABLE
GPIO1 input filter enable
0: Disable
1: Enable
0
RW
1
GPIO2_FILT_ENABLE(*6)
GPIO2 input filter enable
0: Disable
1: Enable
*1
Active only when GPIO is set as input port.
*2
Note that GPIO2_INPUT_MONITOR corresponds to Bit#”0”, GPIO0_INPUT_MONITOR corresponds to Bit#”2”.
*3
Active only when GPIO type is set as "Programmable GPIO" and set as output port.
*4
Default value depends on RXDEFSEL setting when Power on sequence. RXDEFSEL=1 → default value is 0, RXDEFSEL=0 → default value is 1.
*5
Filter eliminates input glitch shorter than tOSC/2.
*6
Note that GPIO2_FILT_ENABLE corresponds to Bit#”0”, GPIO0_FILT_ENABLE corresponds to Bit#”2”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com