Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 5 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 5 Page - California Eastern Labs

  THCV235 Datasheet HTML 1Page - California Eastern Labs THCV235 Datasheet HTML 2Page - California Eastern Labs THCV235 Datasheet HTML 3Page - California Eastern Labs THCV235 Datasheet HTML 4Page - California Eastern Labs THCV235 Datasheet HTML 5Page - California Eastern Labs THCV235 Datasheet HTML 6Page - California Eastern Labs THCV235 Datasheet HTML 7Page - California Eastern Labs THCV235 Datasheet HTML 8Page - California Eastern Labs THCV235 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
5/68
Security E
Pin Description
Pin Description for THCV235
Pin Name
Pin No.
Type
Description
TXP
59
CO
High-Speed CML Signal Output(Main-Link)
TXN
60
CO
High-Speed CML Signal Output(Main-Link)
MAINMODE/
TCMP
57
I/CB
MAINMODE : Setting V-by-One® HS Mode or Sync Free
Mode when PDN1=0. See page12.
0 : V-by-One® HS Mode
1 : Sync Free Mode
TCMP : CML Signal Bi-directional Input/Output(Sub-Link)
when PDN1=1.
HFSEL/TCMN
58
I/CB
HFSEL : High Frequency mode select when PDN1=0.
0 : High Frequency mode Disable
1 : High Frequency mode Enable
TCMN : CML Signal Bi-directional Input/Output(Sub-Link)
when PDN1=1.
HTPDN/
SUBMODE
64
IL
HTPDN : Hot Plug Detect Input when PDN1=0.
SUBMODE : Sub-Link Mode Select when PDN1=1.
0: 2-wire serial interface(I/F) Mode(default No Clock
Stretching mode)
1: Low Speed Data Bridge Mode
Forbid the different setting between THCV235 and THCV236.
LOCKN/MSSEL
63
IL
LOCKN : Lock Detect Input when PDN1=0.
MSSEL : Sub-Link Master/Slave Select when PDN1=1.
0 : Sub-Link Master side(inside 2-wire serial I/F is slave)
1 : Sub-Link Slave side(inside 2-wire serial I/F is master)
Sub-Link Master is connected to HOST MPU.
Forbid the same setting between THCV235 and THCV236.
LATEN/SD3/AIN1/
GPIO4
11
B
LATEN : Latch select input under Field BET(Main-Link or
Sub-Link).
0 : NOT Latched result
1 : Latched result
SD3 : Sub-Link Data Input/Output when PDN1=1 and
SUBMODE=1.
When Sub-Link is Master (MSSEL=0), SD3 is output.
When Sub-Link is Slave (MSSEL=1), SD3 is input.
AIN1 : Device ID setting for 2-wire serial I/F when
SUBMODE=0 and MSSEL=0. See Table 26.
GPIO4 : General Purpose Input/Output when SUBMODE=0
and MSSEL=1.
When GPIO4 is used as Open-Drain Output, it must be
connected with a pull-up resistor to VDD.
When GPIO4 is used as push pull output or input, no external
component is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com