Electronic Components Datasheet Search
  English  ▼

X  

THCV235 Datasheet(PDF) 10 Page - California Eastern Labs

Part # THCV235
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV235 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button THCV235 Datasheet HTML 6Page - California Eastern Labs THCV235 Datasheet HTML 7Page - California Eastern Labs THCV235 Datasheet HTML 8Page - California Eastern Labs THCV235 Datasheet HTML 9Page - California Eastern Labs THCV235 Datasheet HTML 10Page - California Eastern Labs THCV235 Datasheet HTML 11Page - California Eastern Labs THCV235 Datasheet HTML 12Page - California Eastern Labs THCV235 Datasheet HTML 13Page - California Eastern Labs THCV235 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
10/68
Security E
TTLDRV/SD2/
AIN0/GPIO1
10
B
TTLDRV : TTL Output Drive Strength Select when PDN1=0.
0 : Weak Drive Strength
1 : Normal Drive Strength
SD2 : Sub-Link Data Input/Output when PDN1=1 and
SUBMODE=1.
When Sub-Link is Master (MSSEL=0), SD2 is input.
When Sub-Link is Slave (MSSEL=1), SD2 is output.
AIN0 : Device ID setting for 2-wire serial I/F when
SUBMODE=0 and MSSEL=0. See Table 26.
GPIO1 : General Purpose Input/Output when SUBMODE=0 and
MSSEL=1.
When GPIO1 is used as Open-Drain Output, it must be connected
with a pull-up resistor to VDD.
When GPIO1 is used as push pull output or input, no external
component is required.
OUTSEL/SD1
9
B
OUTSEL : Permanent Clock Output Enable when PDN1=0.
0 : Permanent Clock Output Disable
1 : Permanent Clock Output Enable
SD1 : Sub-Link Data Input/Output when PDN1=1.
When SUBMODE=0, SD1 is used as SCL input/output for 2-wire
serial I/F, requires pull-up resistor to VDD.
When SUBMODE=1 and MSSEL=0, SD1 is input.
When SUBMODE=1 and MSSEL=1, SD1 is output.
COL1/SD0
8
B
COL1 : Color Space Converter Enable when PDN1=0 and
MAINMODE=0.
0 : Color Space Converter Disable
1 : Color Space Converter Enable
Data Width Setting when PDN1=0 and MAINMODE=1. See
Table 20.
SD0 : Sub-Link Data Input/Output when PDN1=1.
When SUBMODE=0, SD0 is used as SDA input/output for 2-wire
serial I/F, requires pull-up resistor to VDD.
When SUBMODE=1 and MSSEL=0, SD0 is input.
When SUBMODE=1 and MSSEL=1, SD0 is output.
COL0/INT/
GPIO2
7
B
COL0 : Data Width Setting when PDN1=0. See Table 20.
INT : Interrupt signal output for Sub-Link when SUBMODE=0
and Sub-Link Master. It must be connected with a pull-up resistor
to VDD.
L : Interrupt occurred
H : Steady state
GPIO2 : General Purpose Input/Output when SUBMODE=0 and
MSSEL=1.
When GPIO2 is used as Open-Drain Output, it must be connected
with a pull-up resistor to VDD.
When GPIO2 is used as push pull output or input, no external
component is required.
CLKOUT
26
O
Clock Output
D31-D26
12-15,17,18
O
Pixel Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com