Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4111 Datasheet HTML 28Page - Analog Devices AD4111 Datasheet HTML 29Page - Analog Devices AD4111 Datasheet HTML 30Page - Analog Devices AD4111 Datasheet HTML 31Page - Analog Devices AD4111 Datasheet HTML 32Page - Analog Devices AD4111 Datasheet HTML 33Page - Analog Devices AD4111 Datasheet HTML 34Page - Analog Devices AD4111 Datasheet HTML 35Page - Analog Devices AD4111 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
AD4111
Data Sheet
Rev. A | Page 32 of 59
SINGLE CYCLE SETTLING
The AD4111 can be configured by setting the SING_CYC bit in
the ADC mode register so that only fully settled data is output, thus
effectively putting the ADC into a single cycle settling mode. This
mode achieves single cycle settling by reducing the output data
rate to be equal to the settling time of the ADC for the selected
output data rate. This bit has no effect with the sinc5 + sinc1 filter
at output data rates of 2.6 kSPS and less or when multiple
channels are enabled.
Figure 44 shows a step on the analog input with single cycle
settling mode disabled and the sinc3 filter selected. The analog
input requires at least three cycles after the step change for the
output to reach the final settled value.
1/ODR
ANALOG
INPUT
FULLY
SETTLED
ADC
OUTPUT
Figure 44. Step Input Without Single Cycle Settling
Figure 45 shows the same step on the analog input but with
single cycle settling enabled. The analog input requires at least a
single cycle for the output to be fully settled. The output data
rate, as indicated by the RDY signal, is now reduced to equal the
settling time of the filter at the selected output data rate.
tSETTLE
ANALOG
INPUT
FULLY
SETTLED
ADC
OUTPUT
Figure 45. Step Input with Single Cycle Settling
ENHANCED 50 Hz AND 60 Hz REJECTION FILTERS
The enhanced filters provide rejection of 50 Hz and 60 Hz
simultaneously and allow the user to trade off settling time and
rejection. These filters can operate at up to 27.27 SPS or can reject
up to 90 dB of 50 Hz ± 1 Hz and 60 Hz ± 1 Hz interference.
These filters are operated by postfiltering the output of the
sinc5 + sinc1 filter. For this reason, the sinc5 + sinc1 filter must
be selected when using the enhanced filters to achieve the
specified settling time and noise performance. Table 21 and
Table 22 show the output data rates with the accompanying
settling time, rejection, and rms noise. Figure 46 to Figure 53
show the frequency domain plots of the responses from the
enhanced filters.
Table 21. Enhanced Filters Output Data Rate, Voltage Input Noise, Settling Time, and Rejection Using the Enhanced Filters
Output Data Rate (SPS)
Settling
Time (ms)
Simultaneous Rejection of
50 Hz ± 1 Hz and 60 Hz ± 1 Hz (dB)1
Noise
(µV rms)
Peak-to-Peak
Resolution (Bits)
Comments
27.27
36.67
47
6.44
19.1
See Figure 46 and Figure 49
25
40.0
62
6.09
19.2
See Figure 47 and Figure 50
20
50.0
85
5.54
19.35
See Figure 48 and Figure 51
16.667
60.0
90
5.38
19.51
See Figure 52 and Figure 53
1
Master clock = 2.00 MHz.
Table 22. Enhanced Filters Output Data Rate, Current Input Noise, Settling Time, and Rejection Using the Enhanced Filters
Output Data Rate (SPS)
Settling
Time (ms)
Simultaneous Rejection of
50 Hz ± 1 Hz and 60 Hz ± 1 Hz (dB)1
Noise
(nA rms)
Peak-to-Peak
Resolution (Bits)
Comments
27.27
36.67
47
7.69
21.4
See Figure 46 and Figure 49
25
40.0
62
7.68
21.2
See Figure 47 and Figure 50
20
50.0
85
7.26
21.7
See Figure 48 and Figure 51
16.667
60.0
90
7.25
21.7
See Figure 52 and Figure 53
1
Master clock = 2.00 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com