Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 52 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD4111 Datasheet HTML 48Page - Analog Devices AD4111 Datasheet HTML 49Page - Analog Devices AD4111 Datasheet HTML 50Page - Analog Devices AD4111 Datasheet HTML 51Page - Analog Devices AD4111 Datasheet HTML 52Page - Analog Devices AD4111 Datasheet HTML 53Page - Analog Devices AD4111 Datasheet HTML 54Page - Analog Devices AD4111 Datasheet HTML 55Page - Analog Devices AD4111 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
AD4111
Data Sheet
Rev. A | Page 52 of 59
GPIO CONFIGURATION REGISTER
Address: 0x06, Reset: 0x0800, Name: GPIOCON
The GPIO configuration register controls the general-purpose I/O pins of the ADC.
Table 30. Bit Descriptions for GPIOCON
Bits
Bit Name
Settings
Description
Reset
Access
[15:14]
Reserved
Reserved.
0x0
R
13
OP_EN0_1
GPO0/GPO1 output enable. This bit enables the GPO0 and GPO1 pins. The outputs
are referenced between AVDD and AVSS.
0x0
R/W
0
Disabled.
1
Enabled.
12
OW_EN
This bit enables the use of open wire detection of voltage channels.
0x0
R/W
0
Disabled.
1
Enabled.
11
SYNC_EN
SYNC input enable. This bit enables the SYNC pin as a sync input. When set low, the
SYNC pin holds the ADC and filter in reset until SYNC goes high. An alternative
operation of the SYNC pin is available when the ALT_SYNC bit in the interface mode
register is set. This mode works only when multiple channels are enabled. In such cases, a
low on the SYNC pin does not immediately reset the filter/modulator. Instead, if the
SYNC pin is low when the channel is due to be switched, the modulator and filter are
prevented from starting a new conversion. Bringing SYNC high begins the next
conversion. This alternative sync mode allows SYNC to be used while cycling
through channels.
0x1
R/W
0
Disabled.
1
Enabled.
[10:9]
ERR_EN
Error pin mode. These bits enable the ERROR pin as an error input/output.
0x0
R/W
00
Disabled.
01
Enable error input (active low). ERROR is an error input. The (inverted) readback state
is OR'ed with other error sources and is available in the ADC_ERROR bit in the status
register. The ERROR pin state can also be read from the ERR_DAT bit in this register.
10
Enable open-drain error output (active low). ERROR is an open-drain error output.
The status register error bits are OR'ed, inverted, and mapped to the ERROR pin.
ERROR pins of multiple devices can be wired together to a common pull-up resistor
so that an error on any device can be observed.
11
General-purpose output (active low). ERROR is a general-purpose output. The status
of the pin is controlled by the ERR_DAT bit in this register. This output is referenced
between IOVDD and DGND, as opposed to the AVDD1 and AVSS levels used by the
GPIOx pins. The output has an active pull-up resistor in this case.
8
ERR_DAT
Error pin data. This bit determines the logic level at the ERROR pin if the pin is
enabled as a general-purpose output. This bit reflects the readback status of the pin
if the pin is enabled as an input.
0x0
R/W
0
Logic 0.
1
Logic 1.
7
GP_DATA1
GPO1 data. This bit is the write data for GPO1.
0x0
R/W
0
GPO1 = 0.
1
GPO1 = 1.
6
GP_DATA0
GPO0 data. This bit is the write data for GPO0.
0x0
R/W
0
GPO0 = 0.
1
GPO0 = 1.
[5:0]
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com