Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4111 Datasheet HTML 35Page - Analog Devices AD4111 Datasheet HTML 36Page - Analog Devices AD4111 Datasheet HTML 37Page - Analog Devices AD4111 Datasheet HTML 38Page - Analog Devices AD4111 Datasheet HTML 39Page - Analog Devices AD4111 Datasheet HTML 40Page - Analog Devices AD4111 Datasheet HTML 41Page - Analog Devices AD4111 Datasheet HTML 42Page - Analog Devices AD4111 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 39 of 59
DIGITAL INTERFACE
The programmable functions of the AD4111 are accessible via
the SPI serial interface. The serial interface of the AD4111
consists of four signals: CS, DIN, SCLK, and DOUT/RDY. The
DIN line transfers data into the on-chip registers. The DOUT
output accesses data from the on-chip registers. SCLK is the serial
clock input for the device. All data transfers (either on DIN or on
DOUT) occur with respect to the SCLK signal.
The DOUT/RDY pin also functions as a data ready signal, with
the line going low if CS is low when a new data-word is available
in the data register. The pin is reset high when a read operation
from the data register is complete. The RDY output also goes high
before updating the data register to indicate when not to read
from the device to ensure that a data read is not attempted
while the register is being updated. Take care to avoid reading
from the data register when RDY is about to go low. The best
method to ensure that no data read occurs is to always monitor the
RDY output. Start reading the data register as soon as RDY goes
low, and ensure a sufficient SCLK rate, such that the read is
completed before the next conversion result. CS is used to select a
device. CS can be used to decode the AD4111 in systems where
several components are connected to the serial bus.
Figure 2 and Figure 3 show timing diagrams for interfacing to
the AD4111 using CS to decode the device. Figure 2 shows the
timing for a read operation from the AD4111, and Figure 3
shows the timing for a write operation to the AD4111. It is
possible to read from the data register several times, even though
the RDY output returns high after the first read operation.
However, take care to ensure that the read operations are completed
before the next output update occurs. In continuous read mode,
the data register can be read only once.
The serial interface can operate in 3-wire mode by tying CS low.
In this case, the SCLK, DIN, and DOUT/RDY lines are used to
communicate with the AD4111. The end of the conversion can
also be monitored using the RDY bit in the status register.
The serial interface can be reset by writing 64 SCLKs with CS =
0 and DIN = 1. A reset returns the interface to the state in which it
expects a write to the communications register. This operation
resets the contents of all registers to their power-on values.
Following a reset, allow a period of 500 µs before addressing the
serial interface.
CHECKSUM PROTECTION
The AD4111 has a checksum mode that can be used to improve
interface robustness. Using the checksum ensures that only
valid data is written to a register and allows data read from
a register to be validated. If an error occurs during a register
write, the CRC_ERROR bit is set in the status register. However,
to ensure that the register write was completed. It is important
to read back the register and verify the checksum.
For CRC checksum calculations during a write operation, the
following polynomial is always used:
x8 + x2 + x + 1
During read operations, the user can select between this
polynomial and a similar exclusive OR (XOR) function. The
XOR function requires less time to process on the host
microcontroller than the polynomial-based checksum. The
CRC_EN bits in the interface mode register enable and disable
the checksum and allow the user to select between the
polynomial check and the simple XOR check.
The checksum is appended to the end of each read and write
transaction. The checksum calculation for the write transaction
is calculated using the 8-bit command word and the 8-bit to 24-
bit data. For a read transaction, the checksum is calculated
using the command word and the 8-bit to 32-bit data output.
Figure 57 and Figure 58 show SPI write and read transactions,
respectively.
8-BIT COMMAND
8-BIT CRC
UP TO 24-BIT INPUT
CMD
DATA
CRC
CS
DIN
SCLK
Figure 57. SPI Write Transaction with CRC
8-BIT COMMAND
8-BIT CRC
UP TO 32-BIT OUTPUT
CMD
DATA
CRC
CS
DIN
SCLK
DOUT/
RDY
Figure 58. SPI Read Transaction with CRC
If checksum protection is enabled when continuous read mode
is active, there is an implied read data command of 0x44 before
every data transmission that must be accounted for when
calculating the checksum value. The checksum protection ensures a
nonzero checksum value even if the ADC data equals 0x000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com