Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4111 Datasheet HTML 25Page - Analog Devices AD4111 Datasheet HTML 26Page - Analog Devices AD4111 Datasheet HTML 27Page - Analog Devices AD4111 Datasheet HTML 28Page - Analog Devices AD4111 Datasheet HTML 29Page - Analog Devices AD4111 Datasheet HTML 30Page - Analog Devices AD4111 Datasheet HTML 31Page - Analog Devices AD4111 Datasheet HTML 32Page - Analog Devices AD4111 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 29 of 59
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input
voltage resulting in a code of 00 … 00, a midscale voltage
resulting in a code of 100 … 000, and a full-scale input voltage
resulting in a code of 111 … 111. The output code for any input
voltage is represented as
Code = (2N × VIN × 0.1)/VREF
The output code for any input current is represented as
Code = (2N × IIN × 50 Ω)/VREF
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage resulting
in a code of 000 … 000, a zero differential input voltage resulting in
a code of 100 … 000, and a positive full-scale input voltage
resulting in a code of 111 … 111. The output code for any
analog input voltage can be represented as
Code = 2N –1 × ((VIN × 0.1/VREF) + 1)
The output code for any input current is represented as
Code = 2N− 1 × ((IIN × 50 Ω/VREF) + 1)
where:
N = 24.
VIN is the input voltage.
IIN is the input current.
VREF is the reference voltage.
AD4111 REFERENCE
The AD4111 offers the user the option of either supplying an
external reference to the REF+ and REF− pins of the device,
using AVDD – AVSS, or by allowing the use of the internal
2.5 V, low noise, low drift reference. Select the reference source
to be used by the analog input by setting the REF_SELx bits,
Bits[5:4], in the setup configuration registers appropriately. The
structure of the Setup Configuration 0 register is shown in Table 19.
By default, the AD4111 uses an external reference on power-up.
Internal Reference
The AD4111 includes a low noise, low drift voltage reference.
The internal reference has a 2.5 V output. The internal reference
is output on the REFOUT pin after the REF_EN bit in the ADC
mode register is set and is decoupled to AVSS with a 0.1 μF
capacitor. The AD4111 internal reference is disabled by default
on power-up.
External Reference
The AD4111 has a fully differential reference input applied
through the REF+ and REF− pins. Standard low noise, low drift
voltage references, such as the ADR4525, are recommended for
use. Apply the external reference to the AD4111 reference pins
as shown in Figure 39. Decouple the output of any external
reference to AVSS. As shown in Figure 39, the ADR4525 output
is decoupled with a 0.1 μF capacitor at the output for stability
purposes. The output is then connected to a 4.7 μF capacitor,
which acts as a reservoir for any dynamic charge required by the
ADC, and is followed by a 0.1 μF decoupling capacitor at the
REF+ input. This capacitor is placed as close as possible to the
REF+ and REF− pins.
The REF− pin is connected directly to the AVSS potential. When
an external reference is used instead of the internal reference
to supply the AD4111, attention must be paid to the output of
the REFOUT pin. The internal reference is controlled by the
REF_EN bit (Bit 15) in the ADC mode register, which is shown
in Table 20. If the internal reference is not being used elsewhere
in the application, ensure that the REF_EN bit is disabled.
2.5V VREF
0.1µF
0.1µF
ADR4525
2
3V TO 18V
0.1µF
4.7µF
AD4111
REF+
REF–
1
1
1
1
1
1ALL DECOUPLING IS TO AVSS.
2ANY OF THE ADR4525 FAMILY REFERENCES CAN BE USED.
ADR4525 ENABLES REUSE OF THE 3.3V ANALOG SUPPLY
NEEDED FOR AVDD TO POWER THE REFERENCE VIN.
40
39
Figure 39. ADR4525 Connected to AD4111 REF± Pins
Table 19. Setup Configuration 0 Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x20
SETUPCON0
[15:8]
Reserved
BI_UNIPOLAR0
REFBUF0+
REFBUF0−
INBUF0
0x1000
RW
[7:0]
Reserved
Reserved
REF_SEL0
Reserved
Table 20. ADC Mode Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01
ADCMODE
[15:8]
REF_EN
Reserved
SING_CYC
Reserved
Delay
0x2000
RW
[7:0]
Reserved
Mode
CLOCKSEL
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com