Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4111 Datasheet HTML 19Page - Analog Devices AD4111 Datasheet HTML 20Page - Analog Devices AD4111 Datasheet HTML 21Page - Analog Devices AD4111 Datasheet HTML 22Page - Analog Devices AD4111 Datasheet HTML 23Page - Analog Devices AD4111 Datasheet HTML 24Page - Analog Devices AD4111 Datasheet HTML 25Page - Analog Devices AD4111 Datasheet HTML 26Page - Analog Devices AD4111 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 23 of 59
CONFIGURATION OVERVIEW
After power-on or reset, the AD4111 default configuration is as
follows:
•
Channel configuration: Channel 0 is enabled, the VIN0
and VIN1 pair is selected as the input. Setup 0 is selected.
•
Setup configuration: the analog input buffers are disabled and
the reference input buffers are also disabled. The REF± pins
are selected as the reference source. Note that for this setup,
the default channel does not operate correctly because the
input buffers need to be enabled for a VIN input.
•
Filter configuration: the sinc5 + sinc1 filter is selected and
the maximum output data rate of 31.25 kSPS is selected.
•
ADC mode: continuous conversion mode and the internal
oscillator are enabled. The internal reference is disabled.
•
Interface mode: CRC and the data and status output are
disabled.
•
GPIO configuration: open wire detection is disabled.
Note that only a few of the register setting options are shown.
This list is only an example. For full register information, see
the Register Details section.
Figure 35 shows an overview of the suggested flow for changing
the ADC configuration, divided into the following three blocks:
•
Channel configuration (see Box A in Figure 35)
•
Setup configuration (see Box B in Figure 35)
•
ADC mode and interface mode configuration (see Box C
in Figure 35)
Channel Configuration
The AD4111 has 16 independent channels and 8 independent
setups. When open wire detection is not enabled, the user can
select any of the input pairs on any channel, as well as any of the
eight setups for any channel, giving the user full flexibility in the
channel configuration. This flexibility also allows per channel
configuration when using differential inputs and single-ended
inputs because each channel can have its own dedicated setup.
When open wire detection is enabled, the input selection per
channel must follow the guidelines documented in the Open
Wire Detection section. Open wire detection is enabled in the
GPIO configuration register.
Channel Registers
The channel registers select which of the voltage or current
inputs is used for that channel. This register also contains a
channel enable/disable bit and the setup selection bits, which are
used to select which of the eight available setups to use for this
channel.
When the AD4111 is operating with more than one channel
enabled, the channel sequencer cycles through the enabled
channels in sequential order, from Channel 0 to Channel 15. If a
channel is disabled, it is skipped by the sequencer. Details of the
channel register for Channel 0 are shown in Table 12.
ADC MODE AND INTERFACE MODE CONFIGURATION
SELECT ADC OPERATING MODE, CLOCK SOURCE,
ENABLE CRC, DATA AND STATUS, AND MORE
SETUP CONFIGURATION
8 POSSIBLE ADC SETUPS
SELECT FILTER ORDER, OUTPUT DATA RATE, AND MORE
CHANNEL CONFIGURATION
SELECT INPUT AND SETUP FOR EACH ADC CHANNEL
ENABLE OPEN WIRE DECTION IN GPIO CONFIGURATION
A
B
C
Figure 35. Suggested ADC Configuration Flow
Table 12. Channel Register 0
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x10
CH0
[15:8]
CH_EN0
SETUP_SEL0
Reserved
INPUT[9:8]
0x8001
RW
[7:0]
INPUT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com