Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4111 Datasheet HTML 7Page - Analog Devices AD4111 Datasheet HTML 8Page - Analog Devices AD4111 Datasheet HTML 9Page - Analog Devices AD4111 Datasheet HTML 10Page - Analog Devices AD4111 Datasheet HTML 11Page - Analog Devices AD4111 Datasheet HTML 12Page - Analog Devices AD4111 Datasheet HTML 13Page - Analog Devices AD4111 Datasheet HTML 14Page - Analog Devices AD4111 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 11 of 59
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VINCOM
2
VIN0
3
VIN1
4
VIN2
5
VIN3
6
REFOUT
7
REGCAPA
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT ANYTHING TO THIS PIN.
2. SOLDER THE EXPOSED PAD TO A SIMILAR PAD ON THE PCB UNDER THE
EXPOSED PAD TO CONFER MECHANICAL STRENGTH AND FOR HEAT
DISSIPATION. THE EXPOSED PAD MUST BE CONNECTED TO AVSS
THROUGH THIS PAD ON THE PCB.
8
AVSS
9
AVDD
10
DNC
23 COMPA
24 COMPB
25 GPO0
26 VIN4
27 VIN5
28 VIN6
29 VIN7
30 IIN3–
22 REGCAPD
21 DGND
TOP VIEW
(Not to Scale)
AD4111
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic1
Type2
Description
1
VINCOM
AI
Voltage Input Common. Voltage inputs are referenced to this pin when configured as single-ended.
Connect this pin to analog ground.
2
VIN0
AI
Voltage Input 0. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VIN1 in differential configuration.
3
VIN1
AI
Voltage Input 1. Input referenced to VINCOM in single-ended configuration, or a negative input of an
input pair with VIN0 in differential configuration.
4
VIN2
AI
Voltage Input 2. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VIN3 in differential configuration.
5
VIN3
AI
Voltage Input 3. Input referenced to VINCOM in single-ended configuration, or a negative input of an
input pair with VIN2 in differential configuration.
6
REFOUT
AO
Buffered Output of Internal Reference. The output is 2.5 V with respect to AVSS. Decouple this pin to
AVSS using a 0.1 µF capacitor.
7
REGCAPA
AO
Analog Low Dropout (LDO) Regulator Output. Decouple this pin to AVSS using a 1 µF capacitor and a
0.1 µF capacitor.
8
AVSS
P
Negative Analog Supply. This supply ranges from −2.75 V to 0 V and is nominally set to 0 V.
9
AVDD
P
Analog Supply Voltage. This voltage ranges from 3.0 V to 5.5 V with respect to AVSS.
10
DNC
N/A
Do Not Connect. Do not connect anything to this pin.
11
VBIAS−
AI
Voltage Bias Negative. The pin is setting bias voltage for the voltage input analog front-end. Connect
this pin to AVSS.
12
XTAL1
AI
Input 1 for Crystal.
13
XTAL2/CLKIO
AI/DI
Input 2 for Crystal/Clock Input or Output. See the CLOCKSEL bit settings in the ADCMODE register for
more information.
14
DOUT/RDY
DO
Serial Data Output/Data Ready Output. This pin serves a dual purpose. It functions as a serial data
output pin to access the output shift register of the ADC. The output shift register can contain data from
any of the on-chip data or control registers. The data-word/control word information is placed on the
DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. When CS is high, the DOUT/RDY
output is tristated. When CS is low, and a register is not being read, DOUT/RDY operates as a data ready
pin, going low to indicate the completion of a conversion. If the data is not read after the conversion,
the pin goes high before the next update occurs. The DOUT/RDY falling edge can be used as an
interrupt to a processor, indicating that valid data is available.
15
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register
identifying the appropriate register. Data is clocked in on the rising edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com