Electronic Components Datasheet Search
  English  ▼

X  

AD4111 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4111
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4111 Datasheet HTML 11Page - Analog Devices AD4111 Datasheet HTML 12Page - Analog Devices AD4111 Datasheet HTML 13Page - Analog Devices AD4111 Datasheet HTML 14Page - Analog Devices AD4111 Datasheet HTML 15Page - Analog Devices AD4111 Datasheet HTML 16Page - Analog Devices AD4111 Datasheet HTML 17Page - Analog Devices AD4111 Datasheet HTML 18Page - Analog Devices AD4111 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 15 of 59
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
10
20
30
40
50
60
VIN FREQUENCY (Hz)
Figure 17. Common-Mode Rejection Ratio (CMRR) vs. VIN Frequency
(VIN = 0.1 V, 10 Hz to 70 Hz, Output)
–120
–110
–100
–90
–80
–70
–60
–50
1
10
100
1k
10k
100k
1M
10M
100M
VIN FREQUENCY (Hz)
Figure 18. Power Supply Rejection Ratio (PSRR) vs. VIN Frequency
–10
–8
–6
–4
–2
0
2
4
6
8
10
–0.5
4.5
9.5
14.5
19.5
24.5
IIN (mA)
Figure 19. Integral Nonlinearity (INL) vs. Input (Current Input)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–10
–8
–6
–4
–2
0
2
4
6
8
10
VIN (V)
Figure 20. Integral Nonlinearity (INL) vs. Input Range (Voltage Input)
0
5
10
15
20
25
30
35
1.996
1.997
1.998
1.999
2.000
2.001
2.002
2.003
FREQUENCY (MHz)
Figure 21. Internal Oscillator Frequency/Accuracy Distribution Histogram
1.95
1.96
1.97
1.98
1.99
2.00
2.01
–40 –30 –20 –10
0
10 20
30
40
50
60
70
80 90 100
TEMPERATURE (°C)
Figure 22. Internal Oscillator Frequency vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com