Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4112 Datasheet HTML 28Page - Analog Devices AD4112 Datasheet HTML 29Page - Analog Devices AD4112 Datasheet HTML 30Page - Analog Devices AD4112 Datasheet HTML 31Page - Analog Devices AD4112 Datasheet HTML 32Page - Analog Devices AD4112 Datasheet HTML 33Page - Analog Devices AD4112 Datasheet HTML 34Page - Analog Devices AD4112 Datasheet HTML 35Page - Analog Devices AD4112 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
AD4112
Data Sheet
Rev. A | Page 32 of 58
0
–100
0
600
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
Figure 46. 27.27 SPS ODR, 36.67 ms Settling Time
0
–100
0
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
600
100
200
300
400
500
Figure 47. 25 SPS ODR, 40 ms Settling Time
0
–100
0
600
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
Figure 48. 20 SPS ODR, 50 ms Settling Time
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 49. 27.27 SPS ODR, 36.67 ms Settling Time (40 Hz to 70 Hz)
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 50. 25 SPS ODR, 40 ms Settling Time (40 Hz to 70 Hz)
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 51. 20 SPS ODR, 50 ms Settling Time (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com