Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4112 Datasheet HTML 17Page - Analog Devices AD4112 Datasheet HTML 18Page - Analog Devices AD4112 Datasheet HTML 19Page - Analog Devices AD4112 Datasheet HTML 20Page - Analog Devices AD4112 Datasheet HTML 21Page - Analog Devices AD4112 Datasheet HTML 22Page - Analog Devices AD4112 Datasheet HTML 23Page - Analog Devices AD4112 Datasheet HTML 24Page - Analog Devices AD4112 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 21 of 58
POWER SUPPLIES
The AD4112 has two independent power supply pins: AVDD,
and IOVDD. The AD4112 has no specific requirements for a
power supply sequence. However, when all power supplies are
stable, a device reset is required. See the AD4112 Reset section
for details on how to reset the device.
AVDD powers the internal 1.8 V analog LDO regulator, which
powers the ADC core. AVDD also powers the crosspoint multi-
plexer and integrated input buffers. AVDD is referenced to AVSS,
and AVDD − AVSS = 3.3 V or 5 V. AVDD and AVSS can be a
single 3.3 V or 5 V supply, or a ±1.65 V or ±2.5 V split supply.
When using split supplies, consider the absolute maximum ratings
(see the Absolute Maximum Ratings section).
IOVDD powers the internal 1.8 V digital LDO regulator. This
regulator powers the digital logic of the ADC IOVDD sets the
voltage levels for the serial peripheral interface (SPI) of the
ADC. IOVDD is referenced to DGND, and IOVDD to DGND
can vary from 2 V (minimum) to 5.5 V (maximum).
Single-Supply Operation (AVSS = DGND)
When the AD4112 is powered from a single supply connected
to AVDD, the supply can be either 3.3 V or 5 V. In this config-
uration, AVSS and DGND can be shorted together on one
single ground plane.
IOVDD can range from 2 V to 5.5 V in this unipolar input
configuration.
DIGITAL COMMUNICATION
The AD4112 has a 3-wire or 4-wire SPI interface that is compatible
with QSPI™, MICROWIRE®, and DSPs. The interface operates in
SPI Mode 3 and can be operated with CS tied low. In SPI Mode 3,
SCLK idles high, the falling edge of SCLK is the drive edge, and
the rising edge of SCLK is the sample edge. Data is clocked out
on the falling/drive edge and data is clocked in on the
rising/sample edge.
DRIVE EDGE
SAMPLE EDGE
Figure 32. SPI Mode 3 SCLK Edges
Accessing the ADC Register Map
The communications register controls access to the full register
map of the ADC. This register is an 8-bit write only register. On
power-up or after a reset, the digital interface defaults to a state
where it is expecting a write to the communications register.
Therefore, all communication begins by writing to the
communications register.
The data written to the communications register determines
which register is being accessed and if the next operation is a
read or write. The RA bits (Bits[5:0] in Register 0x00)
determine the specific register to which the read or write
operation applies.
When the read or write operation to the selected register is
complete, the interface returns to its default state, where it
expects a write operation to the communications register.
In situations where interface synchronization is lost, a write
operation of at least 64 serial clock cycles with DIN high returns
the ADC to its default state by resetting the entire device,
including the register contents. Alternatively, if CS is being used
with the digital interface, returning CS high resets the digital
interface to its default state and aborts any current operation.
Figure 33 and Figure 34 show writing to and reading from a
register by first writing the 8-bit command to the communications
register followed by the data for the addressed register.
Reading the ID register is the recommended method for verifying
correct communication with the device. The ID register is a
read only register and contains the value 0x30DX for the
AD4112 The communication register and ID register details are
described in Table 10 and Table 11.
DIN
SCLK
CS
8-BIT COMMAND
8 BITS, 16 BITS,
OR 24 BITS OF DATA
CMD
DATA
Figure 33. Writing to a Register (8-Bit Command with Register Address
Followed by Data of 8 Bits, 16 Bits, or 24 Bits; Data Length Is Dependent on
the Register Selected)
DIN
SCLK
CS
8-BIT COMMAND
8 BITS, 16 BITS,
24 BITS, OR
32 BITS OUTPUT
CMD
DATA
DOUT/RDY
Figure 34. Reading from a Register (8-Bit Command with Register Address
Followed by Data of 8 Bits, 16 Bits, 24, or 32 Bits; Data Length on DOUT Is
Dependent on the Register Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com