Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4112 Datasheet HTML 25Page - Analog Devices AD4112 Datasheet HTML 26Page - Analog Devices AD4112 Datasheet HTML 27Page - Analog Devices AD4112 Datasheet HTML 28Page - Analog Devices AD4112 Datasheet HTML 29Page - Analog Devices AD4112 Datasheet HTML 30Page - Analog Devices AD4112 Datasheet HTML 31Page - Analog Devices AD4112 Datasheet HTML 32Page - Analog Devices AD4112 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 29 of 58
BUFFERED REFERENCE INPUT
The AD4112 has true rail-to-rail, integrated, precision unity
gain buffers on both ADC reference inputs. The buffers provide
the benefit of providing high input impedance and allowing
high impedance external sources to be directly connected to the
reference inputs. The integrated reference buffers can fully drive
the internal reference switch capacitor sampling network,
simplifying the reference circuit requirements. Each reference
input buffer amplifier is fully chopped, meaning that it minimizes
the offset error drift and 1/f noise of the buffer. When using a
reference, such as the ADR4525, these buffers are not required
because these references, with proper decoupling, can drive the
reference inputs directly.
CLOCK SOURCE
The AD4112 uses a nominal master clock of 2 MHz. The AD4112
can source its sampling clock from one of three sources:
•
An internal oscillator.
•
An external crystal (use a 16 MHz crystal automatically
divided internally to set the 2 MHz clock).
•
An external clock source.
All output data rates listed in the data sheet relate to a master
clock rate of 2 MHz. Using a lower clock frequency from, for
instance, an external source scales any listed data rate propor-
tionally. To achieve the specified data rates, particularly rates for
rejection of 50 Hz and 60 Hz, use a 2 MHz clock. The source of
the master clock is selected by setting the CLOCKSEL bits
(Bits[3:2]) in the ADC mode register, as shown in Table 20. The
default operation on power-up and reset of the AD4112 is to
operate with the internal oscillator. It is possible to fine tune the
output data rate and filter notch at low output data rates using
the SINC3_MAPx bits.
Internal Oscillator
The internal oscillator runs at 16 MHz and is internally divided
down to 2 MHz for the modulator and can be used as the ADC
master clock. The internal oscillator is the default clock source for
the AD4112 and is specified with an accuracy of −2.5% to +2.5%.
There is an option to allow the internal clock oscillator to be output
on the XTAL2/CLKIO pin. The clock output is driven to the
IOVDD logic level. This option can affect the dc performance of
the AD4112 due to the disturbance introduced by the output
driver. The extent to which the performance is affected depends
on the IOVDD voltage supply. Higher IOVDD voltages create a
wider logic output swing from the driver and affect performance
to a greater extent. This effect is further exaggerated if the
IOSTRENGTH bit is set at higher IOVDD levels (see Table 27
for more information).
External Crystal
If higher precision, lower jitter clock sources are required, the
AD4112 can use an external crystal to generate the master clock.
The crystal is connected to the XTAL1 and XTAL2/CLKIO pins.
A recommended crystal for use is the FA-20H, a 16 MHz,
10 ppm, 9 pF crystal from Epson-Toyocom that is available in a
surface-mount package. As shown in Figure 40, insert two
capacitors (CX1 and CX2) from the traces connecting the
crystal to the XTAL1 and XTAL2/CLKIO pins. These capacitors
allow circuit tuning. Connect these capacitors to the DGND pin.
The value for these capacitors depends on the length and
capacitance of the trace connections between the crystal and the
XTAL1 and XTAL2/CLKIO pins. Therefore, the values of these
capacitors differ depending on the PCB layout and the crystal
used.
12
13
AD4112
XTAL1
CX1
1
1DECOUPLE TO DGND
1
CX2
XTAL2/CLKIO
Figure 40. External Crystal Connections
The external crystal circuitry can be sensitive to the SCLK
edges, depending on the SCLK frequency, IOVDD voltage,
crystal circuitry layout, and the crystal used. During crystal startup,
any disturbances caused by the SLCK edges may cause double
edges on the crystal input, resulting in invalid conversions until
the crystal voltage has reached a high enough level such that
any interference from the SCLK edges is insufficient to cause
double clocking. This double clocking can be avoided by
ensuring that the crystal circuitry has reached a sufficient
voltage level after startup before applying any SCLK.
Because of the nature of the crystal circuitry, it is recommended
that empirical testing of the circuit be performed under the
required conditions, with the final PCB layout and crystal, to
ensure correct operation.
External Clock
The AD4112 can also use an externally supplied clock. In
systems where an externally supplied clock is used, the external
clock is routed to the XTAL2/CLKIO pin. In this configuration,
the XTAL2/ CLKIO pin accepts the externally sourced clock
and routes it to the modulator. The logic level of this clock input
is defined by the voltage applied to the IOVDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com