Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4112 Datasheet HTML 15Page - Analog Devices AD4112 Datasheet HTML 16Page - Analog Devices AD4112 Datasheet HTML 17Page - Analog Devices AD4112 Datasheet HTML 18Page - Analog Devices AD4112 Datasheet HTML 19Page - Analog Devices AD4112 Datasheet HTML 20Page - Analog Devices AD4112 Datasheet HTML 21Page - Analog Devices AD4112 Datasheet HTML 22Page - Analog Devices AD4112 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 19 of 58
Table 8. ±10 V Voltage Input RMS Noise Resolution vs. ODR Using a Sinc3 Filter
Default Output Data Rate
(SPS); SING_CYC = 0 and
Single Channel Enabled
Output Data Rate (SPS per
Channel); SING_CYC = 1 or
Multiple Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(µV rms)2
Effective
Resolution
(Bits)
Noise
(µV p-p)
Peak-to-Peak
Resolution
(Bits)
31,250
6211
96 µs
31,250
1035
14.2
6037
11.7
15,625
5181
192 µs
15,625
158
16.9
954
14.4
10,417
4444
288 µs
10,417
77
18
536
15.2
5208
3115
576 µs
5208
50
18.6
334
15.9
3906
2597
1.15 ms
3906
34
19.2
205
16.6
1157
1007
2.98 ms
1157
22
19.8
137
17.2
539
504
5.95 ms
539
15
20.3
15
17.5
401
381
7.49 ms
401
13
20.5
13
17.9
206
200.3
14.99 ms
206
10
20.9
10
18.2
102
100.2
29.85 ms
102
7.3
21.4
39
18.9
59.98
59.52
50.02 ms
59.98
6.2
21.6
35
19.1
50
49.68
60 ms
50
5.3
21.8
36
19.1
20
20.01
149.93 ms
20
4.9
22
33
19.2
16.67
16.63
179.96 ms
16.67
4.2
22.1
29.8
19.35
10
10
300 ms
10
3.7
22.4
20.9
19.9
5
5
600 ms
5
3.5
22.4
17.8
20.1
2.5
2.5
1.2 sec
2.5
3
22.7
17.8
20.1
1.25
1.25
2.4 sec
1.25
2.9
22.7
14.9
20.4
1
The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2
Based on 1000 samples for data rates ≥ 381 SPS per channel, based on 100 samples for data rates ≤ 200.3 SPS per channel.
Table 9. 0 mA to 20 mA Current Input Noise and Resolution vs. Output Data Rate Using a Sinc3 Filter
Default Output Data Rate
(SPS); SING_CYC = 0 and
Single Channel Enabled
Output Data Rate (SPS per
Channel); SING_CYC = 1 or
Multiple Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(nA rms)2
Effective
Resolution
(Bits)
Noise
(nA p-p)
Peak-to-Peak
Resolution
(Bits)
31,250
6211
96 µs
31,250
2177
15.5
13315
12.9
15,625
5181
192 µs
15,625
309
18.3
1830
15.8
10,417
4444
288 µs
10,417
121
19.7
781
17
5208
3115
576 µs
5208
72
20.4
452
17.8
3906
2597
1.15 ms
3906
49
20.9
339
18.2
1157
1007
2.98 ms
1157
30
21.6
214
18.8
539
503.8
5.95 ms
539
22
22.1
149
19.4
401
381
7.49 ms
401
19
2.3
125
19.6
206
200.3
14.99 ms
206
14
22.8
77
20.3
102
100.2
29.85 ms
102
10
23.2
71
20.4
59.98
59.52
50.02 ms
59.98
7.6
23.6
53
20.8
50
49.68
60 ms
50
7.2
23.7
41
21.2
20
20.01
149.93 ms
20
4.8
24
29.8
21.7
16.67
16.63
179.96 ms
16.67
4.4
24
29.8
21.7
10
10
300 ms
10
3.8
24
23.8
22
5
5
600 ms
5
3.1
24
17.9
22.4
2.5
2.5
1.2 sec
2.5
2.6
24
11.9
23
1.25
1.25
2.4 sec
1.25
2.4
24
11.9
23
1
The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2
Based on 1000 samples for data rates ≥ 381 SPS per channel, based on 100 samples for data rates ≤ 200.3 SPS per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com