Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4112 Datasheet HTML 35Page - Analog Devices AD4112 Datasheet HTML 36Page - Analog Devices AD4112 Datasheet HTML 37Page - Analog Devices AD4112 Datasheet HTML 38Page - Analog Devices AD4112 Datasheet HTML 39Page - Analog Devices AD4112 Datasheet HTML 40Page - Analog Devices AD4112 Datasheet HTML 41Page - Analog Devices AD4112 Datasheet HTML 42Page - Analog Devices AD4112 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Data Sheet
AD4112
Rev. A | Page 39 of 58
CRC CALCULATION
Polynomial
The checksum, which is eight bits wide, is generated using the
following polynomial:
x8 + x2 + x + 1
To generate the checksum, the data is left shifted by eight bits to
create a number ending in eight Logic 0s. The polynomial is
aligned so that its MSB is adjacent to the leftmost Logic 1 of the
data. An exclusive OR (XOR) function is applied to the data to
produce a new, shorter number. The polynomial is again aligned so
that its MSB is adjacent to the leftmost Logic 1 of the new result,
and the procedure is repeated. This process is repeated until the
original data is reduced to a value less than the polynomial.
This value is the 8-bit checksum.
Example of a Polynomial CRC Calculation—24-Bit Word:
0x654321 (Eight Command Bits and 16-Bit Data)
An example of generating the 8-bit checksum using the
polynomial based checksum is as follows.
Initial value
011001010100001100100001
01100101010000110010000100000000
left shifted eight bits
x8 + x2 + x + 1 =
100000111
polynomial
100100100000110010000100000000
XOR result
100000111
polynomial
100011000110010000100000000
XOR result
100000111
polynomial
11111110010000100000000
XOR result
100000111
polynomial value
1111101110000100000000
XOR result
100000111
polynomial value
111100000000100000000
XOR result
100000111
polynomial value
11100111000100000000
XOR result
100000111
polynomial value
1100100100100000000
XOR result
100000111
polynomial value
100101010100000000
XOR result
100000111
polynomial value
101101100000000
XOR result
100000111
polynomial value
1101011000000
XOR result
100000111
polynomial value
101010110000
XOR result
100000111
polynomial value
1010001000
XOR result
100000111
polynomial value
10000110
checksum = 0x86.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com