Electronic Components Datasheet Search
  English  ▼

X  

AD4112 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4112
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4112 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4112 Datasheet HTML 14Page - Analog Devices AD4112 Datasheet HTML 15Page - Analog Devices AD4112 Datasheet HTML 16Page - Analog Devices AD4112 Datasheet HTML 17Page - Analog Devices AD4112 Datasheet HTML 18Page - Analog Devices AD4112 Datasheet HTML 19Page - Analog Devices AD4112 Datasheet HTML 20Page - Analog Devices AD4112 Datasheet HTML 21Page - Analog Devices AD4112 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
AD4112
Data Sheet
Rev. A | Page 18 of 58
NOISE PERFORMANCE AND RESOLUTION
Table 6 to Table 9 show the rms noise, peak-to-peak noise,
effective resolution, and the noise free (peak-to-peak)
resolution of the AD4112 for various ODRs. These values are
typical and are measured with an external 2.5 V reference and
with the ADC continuously converting on multiple channels.
The values in Table 6 and Table 8 are generated for the ±10 V
voltage input range, with a differential input voltage of 0 V.
The values in Table 7 and Table 9 are generated for the 0 mA
to 20 mA input range, with an input current of 0 mA. It is
important to note that the peak-to-peak resolution is calculated
based on the peak-to-peak noise. The peak-to-peak resolution
represents the resolution for which there is no code flicker.
Table 6. ±10 V Voltage Input RMS Noise Resolution vs. ODR Using a Sinc5 + Sinc1 Filter
Default Output Data Rate
(SPS); SING_CYC = 0 and
Single Channel Enabled
Output Data Rate (SPS per
Channel); SING_CYC = 1 or
Multiple Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(µV rms)2
Effective
Resolution
(Bits)
Noise
(µV p-p)
Peak-to-Peak
Resolution
(Bits)
31,250
6211
161 µs
31,250
106
17.5
750
14.7
15,625
5181
193 µs
15,625
94
17.7
580
15.1
10,417
4444
225 µs
10,417
82
17.9
512
15.3
5208
3115
321 µs
5208
62
18.3
372
15.7
2597
2597
385 µs
3906
47
18.7
312
16.0
1007
1007
993 µs
1157
27
19.5
190
16.7
504
504
1.99 ms
539
21
19.9
140
17.1
381
381
2.63 ms
401
17
20.2
92
17.7
200.3
200.3
4.99 ms
206
13
20.6
62
18.3
100.2
100.2
9.99 ms
102
8
21.3
45
18.8
59.52
59.52
16.8 ms
59.98
7
21.4
33
19.2
49.68
49.68
20.13 ms
50
7
21.4
33
19.2
20
20.01
49.98 ms
20
4
22.3
22
19.8
16.67
16.63
60.13 ms
16.67
4
22.3
21
19.9
10
10
100 ms
10
3.7
22.4
18
20.1
5
5
200 ms
5
3.4
22.5
17
20.2
2.5
2.5
400 ms
2.5
2.4
23
12
20.7
1.25
1.25
800 ms
1.25
2.3
23.1
11
20.8
1
The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2
Based on 1000 samples for data rates ≥ 381 SPS per channel, based on 100 samples for data rates ≤ 200.3 SPS per channel.
Table 7. 0 mA to 20 mA Current Input Noise and Resolution vs. Output Data Rate Using a Sinc5 + Sinc1 Filter
Default Output Data Rate
(SPS); SING_CYC = 0 and
Single Channel Enabled
Output Data Rate (SPS per
Channel); SING_CYC = 1 or
Multiple Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(nA rms)2
Effective
Resolution
(Bits)
Noise
(nA p-p)
Peak-to-Peak
Resolution
(Bits)
31,250
6211
161 µs
31,250
155
17.0
1100
14.2
15,625
5181
193 µs
15,625
136
17.2
920
14.4
10,417
4444
225 µs
10,417
113
17.4
720
14.8
5208
3115
321 µs
5208
84
17.9
580
15.1
2597
2597
385 µs
3906
75
18.0
480
15.3
1007
1007
993 µs
1157
43
18.8
220
16.5
504
503.8
1.99 ms
539
29
19.4
150
17.0
381
381
2.63 ms
401
21
19.9
125
17.3
200.3
200.3
4.99 ms
206
18
20.1
95
17.7
100.2
100.2
9.99 ms
102
13
20.6
71
18.1
59.52
59.52
16.8 ms
59.98
10
20.9
48
18.7
49.68
49.68
20.13 ms
50
9
21.1
41
18.9
20
20.01
49.98 ms
20
6
21.7
30
19.3
16.67
16.63
60.13 ms
16.67
5.3
21.8
23
19.7
10
10
100 ms
10
4.6
22.1
18
20.1
5
5
200 ms
5
3
22.7
12
20.7
2.5
2.5
400 ms
2.5
2.8
22.8
12
20.7
1.25
1.25
800 ms
1.25
2.7
22.8
6
21.7
1
The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2
Based on 1000 samples for data rates ≥ 381 SPS per channel, based on 100 samples for data rates ≤ 200.3 SPS per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com