Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ADNB-2012 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical USB Application using
Quadrature Output
18 or 24 MHz Operation
Notes:
1. Due to the Cypress implementation of USB suspend mode support, the NRESET pin of the ADNS-2001 must be reset using a line from the Cypress
chip. The reason for this is that the Cypress chip does not configure the port input pins until after it has received a bus reset from the USB port.
The unconfigured input port pins present a 16 K
Ω pullup to VCC. If a cap is used on NRESET (pin 15), this pullup will result in the ADNS-2001
seeing a high on the MODE pin and powering up in the PS/2 mode.
2. The quadrature input pins of the Cypress part must be programmed to be Hi-Z, instead of the normal current pulldowns. This ensures that the
ADNS-2001 will be able to pull the quadrature lines high over all conditions of voltage and temperature.
3. 0.1
µF between pins 7 and 8 must be ceramic, and must be trace lengths less than 5 mm.
VDD5
VDD5
13
14
2
MODE/XA
XB
3
YB
4
YA
5
15
D–
D+
GND GND
10
12
24.00 MHz
0.1 µF
7
8
0.1 µF
1.0 µF
REFB
XY_LED
NRESET
6
3.3 V
REGULATOR
LP2950ACZ-3.3
R1
2N3904
HLMP-ED80
SURFACE
VDD
VDD3
HDNS-2100
LENS
INTERNAL
IMAGE
SENSOR
ADNS
2001
OSC1
OSC2
9
11
24.00 MHz CERAMIC RESONATOR
SUCH AS:
AVX
KBR-24.00MSA or
MURATA
CSA24.00MXZ040
PS2_C PS2_D
116
D–
13
D+
14
XTALIN
10
11
P0.4 P0.5
20
19
5
2
P0.1
P0.2
XTALOUT
3
P1.0
CYPRESS
CY7C63000A-PC
P0.3
P0.2
4
15
P0.7 P0.6
L
R
P1.2
6
M
17
18
VPP
8
VSS
7
BUTTONS
PANASONIC
EVQ SERIES
ENCODER
P1.1
P0.0 1
16
4.7 µF
0.1 µF
12
VDD
9
CEXT
2N3906
1.5 M
Ω
7.5 K
Ω
GND
SHLD
6 MHz
2.7
Ω
0.33 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com