Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Quadrature Output Mode Waveform
@ 24 MHz
The 2 channel quadrature outputs
are 5 V CMOS outputs. The Delta
X count is used to generate the
XA and XB quadrature signals.
The Delta Y count is used to gen-
erate the YA and YB quadrature
signals. Delta X, Y counts are in
the range of +7 to –7 counts of
motion and new Delta X, Y values
are generated at a rate of 2000
Hz. The quadrature signals can
change at a maximum rate of
16.7 kHz.
Example: Quadrature Output Waveform (+X motion).
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25˚C, VDD3 = 3.3, VDD5 = 5.0,
A = 2.4 mm, CLK = 24.00 MHz.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
PS/2 Baud Rate
Fps2
13.3
16.7
20
Kbaud
PS/2 Data Transition Delay
T2
7.5
15
18.8
µs
See PS/2 timing diagrams
after PS/2_C Rising Edge
PS/2 Motion Report Rates
133
reports/sec
See PS/2 command settings
Motion Scale Factor
400
counts/inch
Power Up Delay
100
ms
CRESET = 0.22 µF
60 µs
XB
XA
60 µs
60 µs
60 µs
60 µs
60 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com