Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ADNB-2012 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Theory of Operation
The ADNS-2001 is based on
Optical Navigation Technology. It
contains an Image Acquisition
System (IAS), Digital Signal Pro-
cessor (DSP), and a mode select-
able PS/2 or quadrature output
converter. The IAS acquires im-
ages of microscopic surface im-
ages via the lens and illumination
Figure 1. ADNS-2001 block diagram.
Figure 2. ADNS-2001 sensor package outline drawing.
IMAGE
ACQUISITION
SYSTEM
DIGITAL
SIGNAL
PROCESSOR
PS/2 or QUAD
OUTPUT
CONVERTER
system provided by the HDNS-
2100, HDNS-2200, and the
HLMP-ED80. These images are
further processed by the DSP to
determine direction and distance
of motion. The DSP generates a
stream of delta x and delta y rela-
tive displacement values which
are then communicated to the
output converter. This converter
provides a PS/2 3-button output,
replacing existing mouse
microcontrollers, or two channel
quadrature output, for direct
interface to existing mouse
microcontrollers.
While the part can be run at 24
MHz in quadrature mode, 18 MHz
is recommended for PS/2 mode.
KAPTON TAPE
3.18
(0.125)
5.15
(0.203)
9.10
(0.358)
12.34
(0.486)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. DIMENSIONAL TOLERANCE: ± 0.1 mm.
3. COPLANARITY OF LEADS: 0.1 mm.
4. LEAD PITCH TOLERANCE: ± 0.15 mm.
5. CUMULATIVE PITCH TOLERANCE: ± 0.15 mm.
6. ANGULAR TOLERANCE: ± 3.0 DEGREES.
7. MAXIMUM FLASH + 0.2 mm.
8. CHAMFER (25 DEGREES x 2) ON THE
TAPER SIDE OF THE LEAD.
1.42
(0.056)
0.99
(0.039)
6.17
(0.243)
5° TYP.
0.25
(0.010)
PIN 1
22.30
(0.878)
2.54
(0.100)
1.27
(0.050)
0.50
(0.020)
LEAD WIDTH
LEAD OFFSET
LEAD PITCH
13.38
(0.527)
6.02
(0.237)
4.55
(0.179)
∅ 5.60
(0.220)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com