Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PS/2 Mode Output Waveforms @ 24 MHz
Host Sending Data Timing Diagram
Notes:
1. The mouse checks the DATA line. If the line is low, the system has data to transmit. The DATA line is set inactive when the start bit (always 0) is
placed on the DATA line.
2. The mouse samples the DATA line for each bit while the CLK line is high. Data must be stable within 1 microsecond after the rising edge of the
CLK line.
3. The mouse checks for a high stop bit after the 10th CLK. If the DATA line is low, the mouse continues to clock until the DATA line becomes high,
then clocks the line-control bit, and at the next opportunity sends a Resend command to the system.
4. The mouse pulls the DATA line low, producing the line-control bit.
5. The host can pull the CLK line low, inhibiting the mouse.
Timing Parameter
Description
Min. Time
Max. Time
T1
Duration of CLK high
22.5
µsec
37.5
µsec
T2
Duration of CLK low
22.5
µsec
37.5
µsec
T3
Time from falling CLK transition, to date transition
0
µsec
22.5
µsec
Host Receiving Timing Diagram
Notes:
1. The host can hold the clock signal low to inhibit the next transmission.
2. The host raises the clock line to allow the next transmission.
3. All times given below assume a 24 MHz resonator and are dependent upon its accuracy.
Timing Parameter
Description
Min. Time
Max. Time
T1
Time from DATA transition to falling edge of CLK
3.75
µsec
18.75
µsec
T2
Time from rising edge of CLK to DATA transition
3.75
µsec
18.75
µsec
T3
Duration of CLK low
22.5
µsec
37.5
µsec
T4
Duration of CLK high
22.5
µsec
37.5
µsec
T5
Time to mouse inhibit after clock 11 to ensure the
0
µsec
37.5
µsec
mouse does not start another transmission
T1
T2
T3
CLK
I/O
INHIBIT
1ST
CLK
2ND
CLK
9TH
CLK
10TH
CLK
11TH
CLK
(5)
DATA
START BIT
(1)
(2)
(2)
(4)
BIT 0
PARITY BIT
STOP
BIT
(3)
T3
T4
T2
CLK
1ST
CLK
2ND
CLK
3RD
CLK
10TH
CLK
11TH
CLK
(1, 2)
DATA
START BIT
BIT 0
BIT 2
T1
BIT 1
PARITY BIT
STOP BIT
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com