Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button ADNB-2012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
–40
85
˚C
Operating Temperature
TA
040
˚C
Lead Solder Temperature
260
˚C
For 10 seconds, 1.6 mm below seating
plane (see HLMP-ED80 data sheet for
LED solder specifications)
Supply Voltage
VDD3
–0.5
3.6
V
Supply Voltage
VDD5
–0.5
5.5
V
ESD
2
kV
All pins, Human Body Model
Input Voltage
Vin
–0.5
VDD5 + 0.5
V
All I/O except OSC1 and OSC2
Input Voltage
Vin
–0.5
VDD3 + 0.5
V
OSC1 and OSC2
Recommended LED Bin Table
LED Bin
Category
R1 Value
K
69.8
Ω
L
69.8
Ω
M
69.8
Ω
N
69.8
Ω
P
69.8 – 78.7
Ω
Q
69.8 – 93.1
Ω
R
69.8 – 113
Ω
S
69.8 – 137
Ω
T
69.8 – 169
Ω
The 69.8
Ω resistor is determined by the absolute maximum rating of 50 mA for the
HLMP-ED80. The other resistor values for brighter bins will guarantee good signals
with reduced power.
For the IEC 60825-1 eye safety consideration, please contact sales representative for
the technical report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com