Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ADNB-2012 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Agilent ADNS-2001
Optical Mouse Sensor
Data Sheet
Caution
: It is advised that normal static precautions be taken in handling and assembly of this component to prevent
damage and/or degradation which may be induced by ESD.
Features
• Optical navigation technology
– Superior precision and smooth
navigation optimized for
desktop and portable mouse
applications
– No mechanical moving parts,
provides high reliability and
needs no maintenance
• Complete compact 2-D motion
sensor
– Easy implementation and
design flexibility
– Replaces mechanical ball
system in traditional mice
• Two selectable output modes
– Two channel quadrature output
mode (X and Y direction) which
emulates encoder
phototransistors
– Standard 3-button PS/2 output
mode
• High speed motion detector
– Accurately measures up to
16 inches per second at 400 cpi
• Accurate navigation over a wide
range of surfaces
– Enables mouse to be used with
or without a mouse pad
• Power conservation mode during
no motion
• Compatible with high volume
manufacturing processes
– Requires no precision optical
alignment
– Wave solderable
• 33% faster than HDNS-2000
– 2000 fps (@ 24 MHz)
Applications
• Computer mice for desktop PCs,
workstations, and portable
computers
• Trackball
• Integrated input devices
Description
The ADNS-2001 is a low-cost
reflective optical sensor that
provides a non-mechanical
tracking engine for implementing a
computer mouse.
It is based on optical navigation
technology which measures
changes in position by optically
acquiring sequential surface
images (frames) and mathematic-
ally determining the direction and
magnitude of movement. The
sensor is mounted in a plastic
optical package and designed to be
used with the HDNS-2100 (Lens),
HDNS-2200 (LED Assembly Clip)
and HLMP-ED80 (High Light
Output 639 nm LED), providing a
complete and compact tracking
engine. This optical tracking
engine has no moving parts and
requires no precision optical
alignment enabling high volume
system assembly. The ADNS-2001
offers a PS/2 or quadrature output
mode for interface flexibility.
Resolution is specified as 400 cpi
at rates of motion up to 16 inches
per second.


Similar Part No. - ADNB-2012

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNB-3081 HP-ADNB-3081 Datasheet
512Kb / 40P
High-performance Optical Mouse Sensor
ADNB-3082 HP-ADNB-3082 Datasheet
512Kb / 40P
High-performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-3532 AVAGO-ADNB-3532 Datasheet
2Mb / 27P
Low Power LED Integrated Slim Mouse Sensor
ADNB-3552 AVAGO-ADNB-3552 Datasheet
619Kb / 28P
Low Power LED Integrated Slim Mouse Sensor
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
More results

Similar Description - ADNB-2012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
ADNS-2610 BOARDCOM-ADNS-2610 Datasheet
569Kb / 27P
Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com