Electronic Components Datasheet Search
  English  ▼

X  

ADNB-2012 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 5. Typical resolution vs. assembly height.
Figure 6. Typical error vs. assembly.
Typical Performance Characteristics
Typical Performance of ADNS-2001
assembled as shown in Figure 3 with
HDNS-2100 Lens, HDNS-2200 LED
Assembly Clip and HLMP-ED80.
Figure 7. Typical responsivity vs. wavelength.
Figure 8. Typical reported path vs. true path.
Note:
Due to the higher flame speed, any shorter
wavelength LED other than HLMP-ED80 is not
recommended.
450
300
150
0
2.0
2.2
2.6
3.0
3.2
DISTANCE FROM HDNS-2100 LENS FOOT
REFERENCE PLANE TO SURFACE (mm)
400
250
100
2.4
2.8
350
200
50
RECOMMENDED
DISTANCE FROM
LENS FOOT
REFERENCE
PLANE
TO SURFACE
10
7
3
0
2.0
2.2
2.6
3.0
3.2
DISTANCE FROM HDNS-2100 LENS FOOT
REFERENCE PLANE TO SURFACE (mm)
9
5
2
2.4
2.8
8
4
1
6
RECOMMENDED
OPERATING REGION
PAPER
FILE FOLDER
WHITE LAMINATED
DESKTOP
WOOD (WALNUT)
BLACK CLOTH
MOUSE PAD
70
50
20
0
010
30
60
70
TRAVEL IN x DIRECTION (mm)
60
20
40
30
10
40
50
TRUE
REPORTED
57
400
0
WAVELENGTH (nm)
900
1.0
0.4
0.5
0.6
0.7
0.8
0.9
0.3
700
800
1000
0.1
0.2
600
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com