Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 4 Page - Analog Devices

  LTC2964 Datasheet HTML 1Page - Analog Devices LTC2964 Datasheet HTML 2Page - Analog Devices LTC2964 Datasheet HTML 3Page - Analog Devices LTC2964 Datasheet HTML 4Page - Analog Devices LTC2964 Datasheet HTML 5Page - Analog Devices LTC2964 Datasheet HTML 6Page - Analog Devices LTC2964 Datasheet HTML 7Page - Analog Devices LTC2964 Datasheet HTML 8Page - Analog Devices LTC2964 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2962/LTC2963/LTC2964
4
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The RST and WDO pins are push-pull outputs that swing to DVCC
when DVCC is greater than 1.6V.
Note 4: The output pins, OUT1 - OUT4, have internal pull-ups to VCC of
typically 6µA. However, external pull-up resistors may be used when faster
rise times are required or for VOH voltages greater than VCC.
IWDS
WDS Input Current
VWDS = GND
VWDS = VCC
l
l
–4
–2.6
2.6
4
µA
µA
IWDS(HZ) Allowable WDS Leakage in Open State
l
±1
µA
tWDI,MAX Rise/Fall Time of WDI Edge
2
µs
tWP
WDI Input Pulse Width
VCC = 2.25V to 5.5V
l
2
µs
tWD
WDI to WDO Propagation Delay
l
0.5
µs
Logic I/O
VOL
Voltage Output Low RST, WDO (Note 3)
RST Only
ISINK = 3mA, VCC = 2.25V to 5.5V l
40
150
mV
ISINK = 100µA, VCC = 1.1V
l
10
60
mV
Voltage Output Low OUTn (LTC2964, Note 4)
ISINK = 5mA, VCC = 2.25V to 5.5V l
50
300
mV
VOH
Voltage Output High RST, WDO (Note 3)
ISOURCE = –200µA; DVCC = 3.3V
l
0.7 • DVCC
V
Voltage Output High, OUTn (LTC2964, Note 4)
ISOURCE = –1µA
l
VCC – 1
V
IOH
RST, WDO Output Voltage High Leakage
V = 5.5V, VCC = 5.5V or
VCC = GND
l
100
nA
IOPU
RST, WDO and OUTn Internal Pull-Up Current
V = GND
l
–4
–6
-10
µA
VIL
RDIS, MR and WDI Input Level Low
VCC = 2.25 to 5.5V
l
0.4
V
VIH
RDIS, MR and WDI Input Level High
VCC = 2.25 to 5.5V
l
1.6
V
IIL
RDIS, MR and WDI Internal Pull-up Current
V = GND
l
–16
–10
–4
µA
tMP
MR Input Pulse Width
l
150
ns
tMD
MR Input Propagation Delay
MR Falling to RST Falling
l
0.1
1
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, DVCC = 0V, MR = RDIS = VCC, unless otherwise specified.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com