Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 3 Page - Analog Devices

  LTC2964 Datasheet HTML 1Page - Analog Devices LTC2964 Datasheet HTML 2Page - Analog Devices LTC2964 Datasheet HTML 3Page - Analog Devices LTC2964 Datasheet HTML 4Page - Analog Devices LTC2964 Datasheet HTML 5Page - Analog Devices LTC2964 Datasheet HTML 6Page - Analog Devices LTC2964 Datasheet HTML 7Page - Analog Devices LTC2964 Datasheet HTML 8Page - Analog Devices LTC2964 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2962/LTC2963/LTC2964
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, DVCC = 0V, MR = RDIS = VCC, unless otherwise specified.
(Note 2)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Range
l
2.25
5.5
V
Guaranteed RST Output Low
VCC Rising
l
1
V
VCCMINC Minimum Required for Configuration
VCC Rising
l
2.2
V
IVCC
VCC Input Supply Current
l
80
140
210
µA
DVCC Operating Range
l
1.6
5.5
V
DVCC Input Supply Current
IRST = 0, IWDO = 0
l
25
500
nA
VRT50
5V, –4% Reset Threshold
5V, –6% Reset Threshold
l
l
4.775
4.675
4.8
4.7
4.825
4.725
V
V
VRT33
3.3V, –4% Reset Threshold
3.3V, –6% Reset Threshold
l
l
3.152
3.087
3.168
3.102
3.185
3.119
V
V
VRT25
2.5V, –4% Reset Threshold
2.5V, –6% Reset Threshold
l
l
2.388
2.338
2.4
2.35
2.413
2.363
V
V
VRT18
1.8V, –4% Reset Threshold
1.8V, –6% Reset Threshold
l
l
1.719
1.683
1.728
1.692
1.737
1.701
V
V
VRT15
1.5V, –4% Reset Threshold
1.5V, –6% Reset Threshold
l
l
1.433
1.403
1.44
1.41
1.448
1.418
V
V
VRT12
1.2V, –4% Reset Threshold
1.2V, –6% Reset Threshold
l
l
1.146
1.122
1.152
1.128
1.158
1.134
V
V
VRT10
1.0V, –4% Reset Threshold
1.0V, –6% Reset Threshold
l
l
0.955
0.935
0.96
0.94
0.965
0.945
V
V
VRTA
±ADJ Reset Threshold
l
497.5
500
502.5
mV
VREF
Reference Voltage
VCC = 2.25V to 5.5V, IREF = ±1mA,
CREF ≤ 1000pF
l
1.183
1.195
1.207
V
VPG
PG1 to PG4 Configuration Voltage Range
VCC > VCCMINC
l
0
VREF
V
IMON
Monitor Input Current for V1 - V4
±ADJ Modes (Vn = 0.5V)
l
±15
nA
RMON
Monitor Input Resistance for V1 - V4
All Modes Except ±ADJ
0.8
1.2
1.6
MΩ
tUV
Comparator Propagation Delay to RST
or OUTn Falling Edge
Overdrive = 10%
l
20
40
µs
RT and WT Pull-Up Current
V = GND
l
–1.5
–2
–2.5
µA
RT and WT Pull-Down Current
V = 1.3V
l
1.5
2
2.5
µA
tRST
Reset Timeout Period
CRT = 1500pF
VRT = VCC
l
l
12
160
18
200
24
240
ms
ms
Internal Timer Select Level (WT and RT)
l
VCC – 0.1
V
VCC-Detect Current in Internal Timer Mode (WT and RT) V = VCC
l
1
2
µA
LTC2963 Watchdog
tWDU
Watchdog Upper Timeout Period
CWT = 1500pF
WT Tied to VCC
l
l
100
1.3
150
1.6
200
2
ms
s
tWD(INIT) Initial Watchdog Timeout Period
WDS = Logic Low
WDS = Open
WDS = Logic High
l
l
l
tWDU
8 • tWDU
64 • tWDU
VWDS
WDS Input Level
(VCC = 2.25 to 5.5V)
Logic Low
Open
Logic High
l
l
l
0.7
VCC – 0.3
1.3
0.4
VCC – 0.7
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com