Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 2 Page - Analog Devices

  LTC2964 Datasheet HTML 1Page - Analog Devices LTC2964 Datasheet HTML 2Page - Analog Devices LTC2964 Datasheet HTML 3Page - Analog Devices LTC2964 Datasheet HTML 4Page - Analog Devices LTC2964 Datasheet HTML 5Page - Analog Devices LTC2964 Datasheet HTML 6Page - Analog Devices LTC2964 Datasheet HTML 7Page - Analog Devices LTC2964 Datasheet HTML 8Page - Analog Devices LTC2964 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2962/LTC2963/LTC2964
2
Rev 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
V1 - V4, MR, RDIS, WDI, DVCC, VCC ............ –0.3V to 6V
PG1 - PG4, REF......................................... –0.3V to 1.5V
OUT1 - OUT4................................................ –0.3V to 6V
RT, WT, WDS ................................–0.3V to (VCC + 0.3V)
RST, WDO (DVCC ≥ 1.6V) ........... –0.3V to (DVCC + 0.3V)
RST, WDO (DVCC = GND) ............................. –0.3V to 6V
Reference Load Current (IREF) ............................... ±1mA
(Notes 1, 2)
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2962CUD#PBF
LTC2962CUD#TRPBF
LGZZ
16-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC2962IUD#PBF
LTC2962IUD#TRPBF
LGZZ
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2962HUD#PBF
LTC2962HUD#TRPBF
LGZZ
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC2963CUDC-1#PBF
LTC2963CUDC-1#TRPBF
LHBC
20-Lead (3mm × 4mm) Plastic QFN
0°C to 70°C
LTC2963IUDC-1#PBF
LTC2963IUDC-1#TRPBF
LHBC
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 85°C
LTC2963HUDC-1#PBF
LTC2963HUDC-1#TRPBF
LHBC
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
LTC2964CUDC#PBF
LTC2964CUDC#TRPBF
LHBB
20-Lead (3mm × 4mm) Plastic QFN
0°C to 70°C
LTC2964IUDC#PBF
LTC2964IUDC#TRPBF
LHBB
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 85°C
LTC2964HUDC#PBF
LTC2964HUDC#TRPBF
LHBB
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
LTC2962
LTC2963
LTC2964
16 15 14
17
13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RDIS
MR
DVCC
VCC
REF
PG1
PG2
PG3
TJMAX = 125°C, JA = 68°C/W, JC = 7.5°C/W
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
20 19 18 17
7
8
TOP VIEW
21
UDC PACKAGE
20-LEAD (3mm
× 4mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
RDIS
MR
DVCC
VCC
RST
GND
REF
PG1
PG2
PG3
PG4
RT
TJMAX = 125°C, JA = 52°C/W, JC = 6.8°C/W
EXPOSED PAD (PIN 21) PCB GND CONNECTION OPTIONAL
20 19 18 17
7
8
TOP VIEW
21
UDC PACKAGE
20-LEAD (3mm
× 4mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
RDIS
MR
DVCC
VCC
RST
GND
REF
PG1
PG2
PG3
PG4
RT
TJMAX = 125°C, JA = 52°C/W, JC = 6.8°C/W
EXPOSED PAD (PIN 21) PCB GND CONNECTION OPTIONAL
PIN CONFIGURATION
RST, WDO, OUT1 - OUT4 Currents....................... ±10mA
Operating Temperature Range
C-Grade ................................................... 0°C to 70°C
I-Grade.................................................–40°C to 85°C
H-Grade ............................................. –40°C to 125°C
Storage Temperature Range ......................–65 to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com