Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2964 Datasheet HTML 9Page - Analog Devices LTC2964 Datasheet HTML 10Page - Analog Devices LTC2964 Datasheet HTML 11Page - Analog Devices LTC2964 Datasheet HTML 12Page - Analog Devices LTC2964 Datasheet HTML 13Page - Analog Devices LTC2964 Datasheet HTML 14Page - Analog Devices LTC2964 Datasheet HTML 15Page - Analog Devices LTC2964 Datasheet HTML 16Page - Analog Devices LTC2964 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2962/LTC2963/LTC2964
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
First, create a resistive divider between REF and GND
composed of fifteen ideal 10k resistors. For a specific
input threshold combination, locate the optimal tap point
for each PG input following the ratio provided in Table 1.
Second, merge all resistors between any two adjacent tap
points into one single resistor and choose the standard
value using Table 2. Note the actual resistors in Table 2
are standard 1% values. Despite the difference between
the actual and the calculated resistance value as well as
the 1% tolerance, the LTC2962 family is guaranteed to
select the proper configuration.
Table 1. Voltage Configuration Table
SUPPLY VOLTAGE
OPTIMAL RATIO VPG/VREF
+ADJ
1
5.0V, –4%
14/15
5.0V, –6%
13/15
3.3V, –4%
12/15
3.3V, –6%
11/15
2.5V, –4%
10/15
2.5V, –6%
9/15
1.8V, –4%
8/15
1.8V, –6%
7/15
1.5V, –4%
6/15
1.5V, –6%
5/15
1.2V, –4%
4/15
1.2V, –6%
3/15
1.0V, –4%
2/15
1.0V, –6%
1/15
–ADJ
0
Figure 3 shows an example of choosing PG resistors
using the above procedure. In the example, the V1 moni-
tor threshold is 5V –4% (4.8V), V2 is 3.3V –6% (3.102V),
V3 is 1.2V –4% (1.152V) and V4 is set to –ADJ mode,
respectively.
When a DAC is used to drive the PG inputs, the LTC2962
family is guaranteed to operate properly for bias voltage
within ±1.5% of VREF relative to the optimal value.
During power-up, once VCC reaches VCCMINC (2.2V max),
the LTC2962 family enters a configuration period of
approximately 500µs during which the voltage on each
of the four PG inputs are sampled and the monitor is
configured to the desired threshold. Immediately after
configuration, the comparators are enabled and supply
monitoring will begin. Note once the part is configured,
it cannot be reconfigured without powering down. Do not
add capacitance to the PG inputs. It is always benefi-
cial to Kelvin connect the resistive divider ground to the
LTC2962 family GND.
Table 2. Recommended 1% Resistors for Programming
CALCULATED RESISTOR VALUE
(kΩ)
ACTUAL RESISTOR VALUE
(kΩ)
10
10
20
20
30
30.1
40
40.2
50
49.9
60
60.4
70
69.8
80
80.6
90
90.9
100
100
110
110
120
121
130
130
140
140
Figure 2. Monitor Configuration
Figure 3. Programming (PG) Pin Bias Example
LTC2962
FAMILY
REF
R2
1%
296234 F02
PGn
GND
R1
1%
RX4
10k
1%
REF
296234 F03
RX3
30.1k
1%
RX2
69.8k
1%
RX1
40.2k
1%
PG1
PG2
PG3
PG4
STEP 1: IDEAL LADDER
STEP 2: CHOOSE ACTUAL
RESISTORS
R14
10k
REF
R13
10k
R3
10k
R12
10k
PG1
5V
–4%
PG4
–ADJ
PG3
1.2V
–4%
PG2
3.3V
–4%
R8
10k
R9
10k
R10
10k
R11
10k
R7
10k
R6
10k
R5
10k
R4
10k
R1
10k
R2
10k
R3
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com