Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2964 Datasheet HTML 7Page - Analog Devices LTC2964 Datasheet HTML 8Page - Analog Devices LTC2964 Datasheet HTML 9Page - Analog Devices LTC2964 Datasheet HTML 10Page - Analog Devices LTC2964 Datasheet HTML 11Page - Analog Devices LTC2964 Datasheet HTML 12Page - Analog Devices LTC2964 Datasheet HTML 13Page - Analog Devices LTC2964 Datasheet HTML 14Page - Analog Devices LTC2964 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2962/LTC2963/LTC2964
11
Rev 0
For more information www.analog.com
OPERATION
The LTC2962 family monitors up to four power supplies
(or channels) with industry leading ±0.5% accuracy over
a wide temperature range. While primarily intended for
monitoring undervoltage (UV) events, the LTC2962 family
has a mode allowing for overvoltage (OV) monitoring. In
typical operation, if any of the monitored supplies fall below
a predetermined threshold, the reset output, RST, pulls
low immediately. When all four supplies rise above their
threshold (or below, in the case of –ADJ mode), the reset
output is released after a timeout period. The reset timeout
can be a fixed 200ms or it can be adjusted using an external
capacitor. The reset output is held low during power-up,
power-down and brownout conditions on any channel.
±ADJ modes and fourteen UV thresholds can be con-
figured for each channel individually. Each of the four
program (PG) inputs select one of sixteen voltage monitor
thresholds for each input respectively. During power-up,
a 4-bit ADC converts the voltage on each PG input. The
resultant digital value is decoded into one of the sixteen
threshold options (see Table 1). This technique allows
for 1% standard resistors to be used to configure the PG
inputs while maintaining tight ±0.5% accuracy for each
threshold. 65,536 different threshold combinations can
be selected with the LTC2962 family, including the ability
to monitor the same voltage on more than one channel.
The +ADJ and –ADJ modes compare the channel inputs
to 0.5V. With an external resistive divider, +ADJ can be
used to monitor any voltage greater than 0.5V. –ADJ can
be used as an overvoltage monitor for positive supplies
or an undervoltage monitor for negative supplies.
The reset disable function, RDIS, eases system voltage
margining by forcing RST high. During normal operation,
RST will go low when the monitored voltage (e.g. V1, V2,
etc.) falls below its threshold (or above, in the case of –
ADJ mode). By disabling the reset function with RDIS, a
microprocessor voltage limit can be tested through mar-
gining without issuing a system reset. In addition to being
able to ignore valid reset outputs, a manual reset can also
be commanded with the MR input. This input has an inter-
nal pull-up and debounce circuitry making it well suited
for a pushbutton input. When MR goes low, RST pulls low
immediately. When MR goes high, RST is released after
the configured reset timeout delay – assuming that all four
monitored voltages are above their configured threshold.
With DVCC grounded, RST is an open-drain output weakly
pulled up internally to VCC by 6µA through a Schottky
diode. However, if DVCC is externally connected to a volt-
age greater than 1.6V, then RST will be driven as an active
push-pull output to DVCC.
LTC2963 Watchdog Functionality
In addition to the common LTC2962 family functionality
discussed above, the LTC2963 offers a watchdog func-
tion. In the LTC2963, the WDI input must receive an edge
(rising or falling) at least as often as the configured watch-
dog upper timeout period. This time can be fixed to 1.6s
by connecting WT to VCC or it can be adjusted using an
external capacitor on WT. If WDI does not receive a signal
quickly enough, then WDO (watchdog status) and RST
outputs will both pull low. RST returns high after a single
reset timeout period. Like the RST output, the WDO output
has a weak internal pull-up to VCC, but can be used as an
active push-pull if DVCC is greater than 1.6V. The details
of WDO functionality can be found in the Watchdog Timer
section.
Following a reset event, the microprocessor under super-
vision may require more time than usual to send valid
watchdog edge transitions. The 3-state WDS input pro-
vides a way to choose three different initial watchdog
timeout periods immediately following a reset.
LTC2964 Individual Outputs
The LTC2964 provides individual comparator outputs for
each voltage input. These outputs could serve as a status
indicator, e.g. power good, or be part of a power supply
sequencer circuit. OUT1 through OUT4 provide the out-
puts of each of the four channel comparators without the
adjustable reset timeout delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com