Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2964 Datasheet HTML 12Page - Analog Devices LTC2964 Datasheet HTML 13Page - Analog Devices LTC2964 Datasheet HTML 14Page - Analog Devices LTC2964 Datasheet HTML 15Page - Analog Devices LTC2964 Datasheet HTML 16Page - Analog Devices LTC2964 Datasheet HTML 17Page - Analog Devices LTC2964 Datasheet HTML 18Page - Analog Devices LTC2964 Datasheet HTML 19Page - Analog Devices LTC2964 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2962/LTC2963/LTC2964
20
Rev 0
D17154-0-8/18(0)
www.analog.com
ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900/LTC2902 Programmable Quad Supply Monitor
Adjustable Reset and Watchdog Timer, 10-Lead MSOP and DFN Packages
LTC2903-1
Precision Quad Supply Monitor
6-Lead SOT-23 Package
LTC2904/LTC2907 Three-State Programmable Precision Dual Supply Monitor 8-Lead SOT-23 and DFN Packages
LTC2908
Precision Six Supply Monitor (Four Fixed and Two
Adjustable)
8-Lead TSOT-23 and DFN Packages
LTC2909
Precision Triple/Dual Input UV, OV and Negative Voltage
Monitor
Shunt Regulated VCC Pin, Adjustable Threshold and Reset, 8-Lead
SOT-23 and DFN Packages
LTC2910
Precision Octal Positive/Negative Voltage Supply Monitor
16-Lead SSOP and 5mm × 3mm DFN Packages, H-Grade
Temperature Range
LTC2912/LTC2914 Single/Dual/Quad UV and OV Voltage Monitors
Separate VCC Pin, Adjustable Reset Timer, H-Grade Temperature Range
LTC2915/LTC2918 Single Supply Monitor with 27 Pin-Selectable Thresholds
Manual Reset, Watchdog, TSOT-8/MSOP-10 and 3mm × 2mm DFN
Packages, H-Grade Temperature Range
LTC2928
Quad Power Supply Sequencer and Supervisor
Easily Configure Power Management without Software, 36-Lead
LTC2932
Configurable Six Supply Monitor with Adjustable Reset
Timer and Supply Tolerance
Selectable Supply Tolerance, 20-Lead TSSOP Package
LTC2938
Configurable 4-Supply Monitors with Watchdog Timer
Adjustable Reset and Watchdog Timeout, 12-Lead MSOP and DFN
Packages
Supervisor with Power-Up Sequence Function
LTC2964
30.1k
1%
296234 TA02
PG1
REF
OUT1
OUT2
OUT3
OUT4
20k
1%
VCC
PG2
20k
1%
PG3
MR
RDIS
20k
1%
PG4
tRST 56ms RESET TIMEOUT
GND
2.5V
3.3V
1.8V
1.5V
SYSTEM
LOGIC
2.5V
3.3V
1.8V
1.5V
EN4 EN3 EN2
DC/DC
CONVERTER
60.4k
1%
47nF
V1 V2 V3 V4 DVCC
RT
RST
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com