Electronic Components Datasheet Search
  English  ▼

X  

LTC2964 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2964
Description  Accurate Quad Configurable Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2964 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2964 Datasheet HTML 3Page - Analog Devices LTC2964 Datasheet HTML 4Page - Analog Devices LTC2964 Datasheet HTML 5Page - Analog Devices LTC2964 Datasheet HTML 6Page - Analog Devices LTC2964 Datasheet HTML 7Page - Analog Devices LTC2964 Datasheet HTML 8Page - Analog Devices LTC2964 Datasheet HTML 9Page - Analog Devices LTC2964 Datasheet HTML 10Page - Analog Devices LTC2964 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2962/LTC2963/LTC2964
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Reset Timeout Period vs
Capacitance
Reset Timeout Period vs
Temperature
Reset Timeout Period vs
Temperature
Watchdog Timeout Period vs
Capacitance
Watchdog Timeout Period vs
Temperature
Watchdog Timeout Period vs
Temperature
Transient Duration vs Comparator
Overdrive
RST, WDO, OUTn VOL vs
Pull-Down Current
RT CAPACITANCE, CRT (nF)
0.001
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
296234 G10
CRT = 1.5nF
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
17.6
17.7
17.8
17.9
18.0
18.1
18.2
18.3
18.4
296234 G11
VRT = VCC, INTERNAL TIMER
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
199.6
199.7
199.8
199.9
200.0
200.1
200.2
200.3
200.4
296234 G12
WT CAPACITANCE, CWT (nF)
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
296234 G13
VWT = VCC, INTERNAL TIMER
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
1.70
296234 G15
RESET OCCURS ABOVE CURVE
TA = 25°C
VCC = 2.25V
VCC = 5.5V
COMPARATOR OVERDRIVE (% OF VRTX)
0.1
1
10
100
0.01
0.1
1
296234 G16
VCC = 2.25V, NO EXTERNAL PULL–UP
TA = –40°C
TA = 25°C
TA = 125°C
IRST, IWDO, IOUTn (mA)
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
296234 G17
CWT = 1.5nF
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
145
146
147
148
149
150
296234 G14
Output Logic Low, ISINK vs VCC
RST, WDO, OUTn
VOL = 0.2V
VOL = 0.4V
VCC (V)
0
1
2
3
4
5
6
0
10
20
30
40
50
296234 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com