Electronic Components Datasheet Search
  English  ▼

X  

LTC4376 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4376
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 3Page - Analog Devices LTC4376 Datasheet HTML 4Page - Analog Devices LTC4376 Datasheet HTML 5Page - Analog Devices LTC4376 Datasheet HTML 6Page - Analog Devices LTC4376 Datasheet HTML 7Page - Analog Devices LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4376
7
Rev 0
For more information www.analog.com
Figure 1a.
4376 F01a
IN
CS
INK
SHDN
OUT
OUTK
VSS
LTC4376
D1
SMAJ24CA
24V
COUT
47nF
VOUT
12V
7A
VIN
12V
R1
1k
12V/7A Ideal Diode with Reverse Input Protection
Figure 1b.
4376 F01b
IN
CS
INK
SHDN
OUT
OUTK
VSS
LTC4376
COUT
100µF
VOUT
12V
7A
VIN
12V
D1
SBR1U150SA
12V/7A Ideal Diode without Reverse Input Protection
Shutdown Mode
In shutdown, the LTC4376 pulls GATE low to CS, turning
off the internal MOSFET and reducing its current consump-
tion to 9µA. Shutdown does not interrupt forward current
flow, a path is still present through the internal MOSFET’s
body diode. A second external MOSFET is needed to block
the forward path; see the section Load Switching and
Inrush Control. When enabled, the LTC4376 operates as
an ideal diode. If shutdown is not needed, connect SHDN
to IN. SHDN may be driven with a 3.3V or 5V logic signal
or pulled up with an external resistor to IN. To enable
the part, SHDN must be pulled up to at least 2V. Use
a resistor value that provides more than the SHDN pin
leakage current of 1µA at 2.6V. A value of 1MΩ or less
is sufficient to turn the part on. To assert SHDN low, the
pull-down must sink at least 5µA plus the current pro-
vided by the external pull-up resistor at 500mV. When a
high impedance pull-up resistor is used, SHDN is subject
to capacitive coupling from nearby clock lines or traces
exhibiting high dV/dt. Bypass SHDN to VSS with 10nF to
eliminate injection. Figure 2 is the simplest way to control
the shutdown pin. Since the control signal ground is dif-
ferent from the SHDN pin reference, VSS, there could be
momentary glitches on SHDN during transients. Figure 3
APPLICATIONS INFORMATION
and Figure 4 are alternative solutions that level-shift the
control signal and eliminate glitches.
Figure 2.
OFF
ON
4376 F02
SHDN
VSS
LTC4376
R1
1k
M1
BSS123
SHDN Control
Figure 3.
ON
OFF
4376 F03
IN
SHDN
VSS
LTC4376
Q1
2N5551
24V
R1
1k
Q2
2N5401
R4
240k
R2
100k
R5
240k
R3
100k
Transistor SHDN Control
Figure 4.
OFF
ON
4376 F04
IN
SHDN
VSS
LTC4376
24V
R1
1k
R4
2k
R2
1M
R3
2M
MOC
207M
Opto-Isolator SHDN Control
Input Short-Circuit Faults
The dynamic behavior of an active, ideal diode entering
reverse bias is most accurately characterized by a delay
followed by a period of reverse recovery. During the delay
phase some reverse current is built up, limited by parasitic
resistances and inductances. During the reverse recovery
phase, energy stored in the parasitic inductances is trans-
ferred to other elements in the circuit. Current slew rates
during reverse recovery may reach 100A/µs or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com