Electronic Components Datasheet Search
  English  ▼

X  

LTC4376 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4376
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices LTC4376 Datasheet HTML 12Page - Analog Devices LTC4376 Datasheet HTML 13Page - Analog Devices LTC4376 Datasheet HTML 14Page - Analog Devices LTC4376 Datasheet HTML 15Page - Analog Devices LTC4376 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4376
12
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 12. 12V Load Switch and Ideal Diode with Precise Undervoltage Lockout
4376 F12
IN
CS
GATE
INK
SHDN
OUT
OUTK
VSS
LTC4376
D1
SMAJ24CA
24V
DDZ9697T
10V
2M
8.2M
1M
UV = 10.8V
COUT
1.5µF
VOUT
12V
7A
VIN
12V
R1
1k
R2
10
M1
PSMN005-75B
+
–
IN+
IN–
HYST
REF
V– GND
LTC1540
Figure 11. 12V Load Switch and Ideal Diode with Reverse Input Protection
4376 F11
IN
CS
GATE
INK
SHDN
OUT
OUTK
VSS
LTC4376
D1
SMAJ24CA
24V
COUT
47nF
D4
S1B
CLOAD
VOUT
12V
7A
VIN
12V
R1
1k
ON
OFF
R2
10
R3
10k
C1
10nF
M1
PSMN005-75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com