Electronic Components Datasheet Search
  English  ▼

X  

LTC4376 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4376
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 2 Page - Analog Devices

  LTC4376 Datasheet HTML 1Page - Analog Devices LTC4376 Datasheet HTML 2Page - Analog Devices LTC4376 Datasheet HTML 3Page - Analog Devices LTC4376 Datasheet HTML 4Page - Analog Devices LTC4376 Datasheet HTML 5Page - Analog Devices LTC4376 Datasheet HTML 6Page - Analog Devices LTC4376 Datasheet HTML 7Page - Analog Devices LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4376
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN, INK, CS, SHDN ...................................... –40V to 80V
OUT, OUTK................................................. –0.3V to 80V
INK–OUTK................................................. –45V to 100V
INK–CS ..........................................................–1V to 80V
IN–OUT (Note 3)........................................ –45V to 0.3V
GATE (Note 4) ...........................VCS – 0.3V to VCS + 10V
Operating Junction Temperature Range
LTC4376C................................................ 0°C to 70°C
LTC4376I .............................................–40°C to 85°C
LTC4376H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16
15
14
13
12
11
10
9
17
OUT
1
2
3
4
5
6
7
8
IN
IN
IN
IN
SHDN
NC
INK
CS
IN
IN
IN
IN
NC
VSS
OUTK
GATE
TOP VIEW
DHD PACKAGE
16-LEAD (5mm × 4mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 4.3°C/W
MSL RATING 3
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4376CDHD#PBF
LTC4376CDHD#TRPBF
4376
16-Lead (5mm x 4mm) Plastic DFN
0°C to 70°C
LTC4376IDHD#PBF
LTC4376IDHD#TRPBF
4376
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 85°C
LTC4376HDHD#PBF
LTC4376HDHD#TRPBF
4376
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINK
Operating Supply Range
l
4
40
V
IINK
INK Pin Current
INK = 12V
INK = OUTK = 12V, SHDN = 0V
INK = OUTK = 24V, SHDN = 0V
INK = –40V
l
l
l
l
0
150
9
15
–15
250
30
40
–40
µA
µA
µA
µA
IOUTK
OUTK Pin Current
INK = 12V, In Regulation
INK = 12V, ∆VSD = –1V
INK = OUTK = 12V, SHDN = 0V
INK = OUTK = 24V, SHDN = 0V
OUTK = 12V, INK = SHDN = 0V
l
l
l
l
l
3
5
120
0.8
0.8
6
7.5
220
3
3
15
µA
µA
µA
µA
µA
ICS
CS Pin Current
INK = 12V, ∆VSD = –1V
INK = CS = 12V, SHDN = 0V
CS = –40V
l
l
l
1
–0.4
150
4
–0.8
200
15
–1.5
µA
µA
mA
IOUT
OUT Reverse Leakage Current
IN = GATE = 0V, OUT = 40V
l
150
µA
∆VGATE
Gate Drive (VGATE – VCS)
INK = 4V, IGATE = 0, –1µA
INK = 8V to 40V, IGATE = 0, –1µA
l
l
4.5
10
5.5
12
18
18
V
V
∆VSD(REG) Source-Drain Regulation Voltage (VINK – VOUTK) 1mA < IIN < 100mA
l
20
30
45
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VINK = 4V to 40V, VIN = VINK, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com