Electronic Components Datasheet Search
  English  ▼

X  

LTC4376 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4376
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 7Page - Analog Devices LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices LTC4376 Datasheet HTML 12Page - Analog Devices LTC4376 Datasheet HTML 13Page - Analog Devices LTC4376 Datasheet HTML 14Page - Analog Devices LTC4376 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4376
11
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 9. 1.2V Diode-OR
Figure 10. Lossless Solar Panel Isolation
4376 F09
IN
CS
INK
SHDN
OUT
OUTK
VSS
LTC4376
COUTB
47nF
VINB
1.2V
R1B
1k
IN
CS
INK
SHDN
OUT
OUTK
VSS
LTC4376
COUTA
47nF
VOUT
1.2V
7A
CLOAD
VINA
1.2V
R1A
1k
–12V
–12V
4376 F10
IN
CS
INK
SHDN
OUT
OUTK
VSS
LTC4376
12V
BATTERY
SHUNT
REGULATOR
80W
SOLAR
PANEL
LOAD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com