Electronic Components Datasheet Search
  English  ▼

X  

ADS7028 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7028
Description  ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7028 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7028 Datasheet HTML 17Page - Texas Instruments ADS7028 Datasheet HTML 18Page - Texas Instruments ADS7028 Datasheet HTML 19Page - Texas Instruments ADS7028 Datasheet HTML 20Page - Texas Instruments ADS7028 Datasheet HTML 21Page - Texas Instruments ADS7028 Datasheet HTML 22Page - Texas Instruments ADS7028 Datasheet HTML 23Page - Texas Instruments ADS7028 Datasheet HTML 24Page - Texas Instruments ADS7028 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
CS
Sample
AINx
SCLK
Sample
AIN2
Sample
AIN6
Data AINx
Data AINx
Data AIN2
SDO
24 clocks
MUX OUT = AIN6
tCYCLE
MUX
SEQ_START
SDI
12 clocks
Scan channels AIN2 and AIN6 and repeat
Data AIN6
MUX OUT = AIN2
MUX OUT = AINx
Sample
AIN2
Data AIN2
MUX OUT = AIN6
Sample
AIN6
MUX OUT = AIN2
21
ADS7038
www.ti.com
SBAS979 – JUNE 2019
Product Folder Links: ADS7038
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The number of clocks required for reading the output data depends on the device output data frame size; see the
Output Data Format section for more details.
8.4.4 Auto-Sequence Mode
In auto-sequence mode, the internal channel sequencer switches the multiplexer to the next analog input
channel after every conversion. The desired analog input channels can be configured for sequencing in the
AUTO_SEQ_CHSEL register. To enable the channel sequencer, set SEQ_START = 1b. After every conversion,
the channel sequencer switches the multiplexer to the next analog input in ascending order. To stop the channel
sequencer from selecting channels, set SEQ_START = 0b.
In the example shown in Figure 17, AIN2 and AIN6 are enabled for sequencing in AUTO_SEQ_CHSEL. The
channel sequencer loops through AIN2 and AIN6 and repeats until SEQ_START is set to 0b. The number of
clocks required for reading the output data depends on the device output data frame size; see the Output Data
Format section for more details.
Figure 17. Starting Conversions and Reading Data in Auto-Sequence Mode
8.4.5 Autonomous Mode
In autonomous mode, the device can be programmed to monitor the voltage applied on the analog input pins of
the device and generate an ALERT signal internal to the device when the programmable high or low threshold
values are crossed. The internal ALERT signal can be mapped to any one digital output channel by configuring
the channel ID in the ALERT_PIN[3:0] register field. In autonomous mode, the device generates the start of
conversion using the internal oscillator. The first start of conversion must be provided by the host and the device
generates the subsequent start of conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com