Electronic Components Datasheet Search
  English  ▼

X  

ADS7028 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7028
Description  ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7028 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS7028 Datasheet HTML 24Page - Texas Instruments ADS7028 Datasheet HTML 25Page - Texas Instruments ADS7028 Datasheet HTML 26Page - Texas Instruments ADS7028 Datasheet HTML 27Page - Texas Instruments ADS7028 Datasheet HTML 28Page - Texas Instruments ADS7028 Datasheet HTML 29Page - Texas Instruments ADS7028 Datasheet HTML 30Page - Texas Instruments ADS7028 Datasheet HTML 31Page - Texas Instruments ADS7028 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
ADS7038
SBAS979 – JUNE 2019
www.ti.com
Product Folder Links: ADS7038
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.4 OSR_CFG Register (Address = 0x3) [reset = 0x0]
OSR_CFG is shown in Figure 22 and described in Table 14.
Return to the Summary Table.
Figure 22. OSR_CFG Register
7
6
5
4
3
2
1
0
RESERVED
OSR[2:0]
R-0b
R/W-0b
Table 14. OSR_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R
0b
Reserved. Reads return 0b.
2-0
OSR[2:0]
R/W
0b
Selects the oversampling ratio for ADC conversion result.
0b = No averaging
1b = 2 samples
10b = 4 samples
11b = 8 samples
100b = 16 samples
101b = 32 samples
110b = 64 samples
111b = 128 samples
8.5.5 OPMODE_CFG Register (Address = 0x4) [reset = 0x0]
OPMODE_CFG is shown in Figure 23 and described in Table 15.
Return to the Summary Table.
Figure 23. OPMODE_CFG Register
7
6
5
4
3
2
1
0
CONV_ON_ER
R
CONV_MODE[1:0]
OSC_SEL
CLK_DIV[3:0]
R/W-0b
R/W-0b
R/W-0b
R/W-0b
Table 15. OPMODE_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CONV_ON_ERR
R/W
0b
Control continuation of autonomous modes if CRC error is detected
on communication interface.
0b = If CRC error is detected, device continues channel sequencing
and pin configuration is retained. See the CRCERR_IN bit for more
details.
1b = If CRC error is detected, devicel changes all channels to analog
inpts and channel sequencing is paused until CRCERR_IN = 1b.
After
clearing
CRCERR_IN
flag,
device
resumes
channel
sequencing and pin confguration is restored.
6-5
CONV_MODE[1:0]
R/W
0b
These bits set the mode of conversion of the ADC.
0b = Manual mode; conversions are initiated by host.
1b = Autonomous mode; conversions are initiated by the internal
state machine.
4
OSC_SEL
R/W
0b
Selects the oscillator for internal timing generation.
0b = High-speed oscillator.
1b = Low-power oscillator.
3-0
CLK_DIV[3:0]
R/W
0b
Sampling speed control in autonomous monitoring mode
(CONV_MODE = 01b). See the section on oscillator and timing
control for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com